Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMW3330DM-TZQU Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PMW3330DM-TZQU
Description  Optical Gaming Navigation Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PMW3330DM-TZQU Datasheet(HTML) 8 Page - Pixart Imaging Inc.

  PMW3330DM-TZQU Datasheet HTML 1Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 2Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 3Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 4Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 5Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 6Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 7Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 8Page - Pixart Imaging Inc. PMW3330DM-TZQU Datasheet HTML 9Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
 
 
 
8 
PixArt Imaging Inc. 
PMW3330 Product Datasheet 
Optical Gaming Navigation Sensor
Version 1.10 | 10 July 2015 
PixArt Imaging Inc. All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any 
other forms  
1.8 DC Electrical Specifications 
 
Table 4. DC Electrical Specifications 
Electrical characteristics, over recommended operating conditions. Typical values at 25 °C, VDD = 2.0 V, VDDIO = 2.0V 
Parameter 
Symbol 
Min 
Typical 
Max 
Units  Notes 
 DC Supply Current  
 
IDD_RUN_VFR1 [4k FPS] 
IDD_RUN_VFR2 [8k FPS] 
 
IDD_REST1 
IDD_REST2 
IDD_REST3 
 
7.0
12.8 
 
1.2 
32 
18 
 
 
 
mA
 mA 
 
 mA 
 uA 
 uA 
Average current, including LED 
current at 1ms motion polling on 
Qck surface 
 
 Power Down Current 
IPD  
3  
 µA  
 Input Low Voltage 
VIL  
 
 0.3 x VDDIO  V  SCLK, MOSI, NCS 
 Input High Voltage 
VIH 
0.7 x VDDIO  
 
 V  SCLK, MOSI, NCS 
 Input Hysteresis 
VI_HYS  
 100  
 mV  SCLK, MOSI, NCS 
 Input Leakage Current 
Ileak  
 ±1 
 ±10  µA  Vin=VDDIO or 0V,  SCLK, MOSI, NCS 
 Output Low Voltage 
VOL  
 
 0.45  V  Iout=1mA, MISO, MOTION 
 Output High Voltage 
VOH 
VDDIO ‐ 0.45  
 
 V  Iout=‐1mA, MISO, MOTION 
 
  
 
 
 


Similar Part No. - PMW3330DM-TZQU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
More results

Similar Description - PMW3330DM-TZQU

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
PMW3325DB-TWV1 PIXART-PMW3325DB-TWV1 Datasheet
5Mb / 19P
   Optical Gaming Navigation Chip
PMW3389DM-T3QU PIXART-PMW3389DM-T3QU Datasheet
1Mb / 20P
   Optical Gaming Navigation Chip
PAN101B PIXART-PAN101B Datasheet
290Kb / 24P
   CMOS OPTICAL NAVIGATION SENSOR
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com