Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2350B-FP Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # U2350B-FP
Description  PWM Speed Control for Permanent Excited DC Motors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2350B-FP Datasheet(HTML) 3 Page - TEMIC Semiconductors

  U2350B-FP Datasheet HTML 1Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 2Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 3Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 4Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 5Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 6Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 7Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 8Page - TEMIC Semiconductors U2350B-FP Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
U2350B-FP
TELEFUNKEN Semiconductors
Rev. A1, 29-May-96
3 (9)
Pin Description
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
n.c.
NTC
95 11409
Progr.
Rosc
Cosc
Contr.
LED1
LED2
OUT
OUT–
GND
IContr.
S1
VContr.
+VS
OUT+
Pin
Symbol
Function
1
LED1
LED output 1
2
LED2
LED output 2
3
n.c.
Not connected
4
NTC
Monitoring input
5
Progr.
Tristate programing
6
Rosc
Resistor for oscillator
7
Cosc
Capacitor for oscillator
8
Contr.
Control input
9
VContr.
Voltage regulation input
10
S1
Switching output, output S1
11
IContr.
Current regulation input
12
GND
Ground
13
OUT–
– supply for output stage
14
OUT
Output
15
OUT+
+ supply for output stage
16
+VS
Supply voltage
Supply, Pin 16
The internal voltage limiter in the U2350B enables a
simple supply from the rectified line voltage. The supply
voltage between Pin 16 (+VS) and Pin 12 (ground) is built
up via R1 and is smoothed by C7. The typically 5 mA
supply current is simultaneously used to operate the two
LEDs D2, D3, which can both be bridged internally. The
supply current therefore reaches Pin 16 either via LEDs
or the internal switches (Vsat ≤ 1.2 V).
Series resistor, R1, can be calculated as follows:
R
1max
+
V
Mmin –VSmax
Itot
whereas
V
Mmin
+ V
mains –15%
V
Smax
+ maximum supply voltage
Itot
+ I
Smax
) I
x
I
Smax
+ Max. current consumption of the IC
Ix
+ Current consumption of the external components
Here, C6 must be selected in this way that the voltage at
C7 (figure 2) is not noticeably affected by the load in any
mode of operation. For further information regarding
mains power supply, refer to figures 6 and 7.
Voltage Monitoring
Whilst the operating voltage is being built up or reduced,
uncontrolled output pulses of insufficient amplitude are
suppressed by the internal monitoring circuit. The latch
is also reset, the LED D2 (operating indicator) between
Pin 2 and Pin 16 is switched off and the control input
“Pin 8” is connected to ground via switch S3 and a 1 k
W
resistor. In connection with a switching hysteresis of
approximately 2 V, this mode of operation guarantees
fail-safe start-up each time the operating voltage is
switched on, in the same way as after short mains
interruptions.
Connecting the control input Pin 8 with a capacitor can
therefore make a soft start with rapid recovery possible.
Pulse Width Control with Mains Voltage
Compensation, Pins 8, 9, 10
Average value of the voltage over the load is controlled
to an infinitely selectable value by the comparator
Comp. 1 with hysteresis. The rectified mains voltage is
divided by R3 and R4 and lead in Pin 10. The capacitor C1
is charged via R9 until the voltage V9, which is present at
the inverting input of Comp. 1, is more positive than the
control voltage V8 arriving at the non-inverting input via
an impedance converter. During the charge time, which
is dependent of the mains voltage, the pulse output is at
high potential and the switching output Pin 10 is open. If
V9 now becomes greater than V10, the output from
Comp. 1 switches over the output stage logic via an AND
gate.


Similar Part No. - U2350B-FP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
U235 INTERSIL-U235 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Keysight Technologies
U2351A KEYSIGHT-U2351A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
logo
TEMIC Semiconductors
U2352 TEMIC-U2352 Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Keysight Technologies
U2352A KEYSIGHT-U2352A Datasheet
2Mb / 25P
   USB Modular Multifunction Data Acquisition Devices
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
More results

Similar Description - U2350B-FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CCU2350 RENESAS-CCU2350 Datasheet
468Kb / 12P
   PWM Speed Control for Permanent Excited DC Motors
31-Oct-2019
logo
Dialog Semiconductor
CCU2350 DIALOG-CCU2350 Datasheet
362Kb / 11P
   PWM Speed Control for Permanent Excited DC Motors
logo
ELMOS Semiconductor AG
E910.94 ELMOS-E910.94 Datasheet
128Kb / 1P
   Sensorless speed control of DC-motors
logo
STMicroelectronics
TDA1154 STMICROELECTRONICS-TDA1154 Datasheet
66Kb / 6P
   SPEED REGULATOR FOR DC MOTORS
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
Toshiba Semiconductor
TC78B016FTG TOSHIBA-TC78B016FTG Datasheet
696Kb / 33P
   3-Phase Sine-Wave PWM Driver for Brushless DC Motors
2017-11-21
TB6633AFNG TOSHIBA-TB6633AFNG Datasheet
516Kb / 14P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
2015-9-15
logo
ELMOS Semiconductor AG
E910.40 ELMOS-E910.40 Datasheet
129Kb / 1P
   Sensorless position control of DC-motors
logo
Toshiba Semiconductor
TB6588FG TOSHIBA-TB6588FG Datasheet
283Kb / 20P
   3-Phase Full-Wave PWM Driver for Sensorless DC Motors
logo
List of Unclassifed Man...
MLX90804 ETC-MLX90804 Datasheet
147Kb / 12P
   Speed regulator for universal motors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com