Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1518 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1518
Description  Input Voltage Range (Maximum Rating)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1518 Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1518 Datasheet HTML 1Page - RICOH electronics devices division R1518 Datasheet HTML 2Page - RICOH electronics devices division R1518 Datasheet HTML 3Page - RICOH electronics devices division R1518 Datasheet HTML 4Page - RICOH electronics devices division R1518 Datasheet HTML 5Page - RICOH electronics devices division R1518 Datasheet HTML 6Page - RICOH electronics devices division R1518 Datasheet HTML 7Page - RICOH electronics devices division R1518 Datasheet HTML 8Page - RICOH electronics devices division R1518 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
R1518x
NO.EA−329−170112
4
PIN DESCRIPTION
1
3
6
4
2
5
12
3
4
5
*1
HSOP-6J
TO-252-5-P2
HSOP-6J
Pin No.
Symbol
Description
1
VDD
Input Pin
2
GND
Ground Pin
3
NC
No Connection
R1518SxxxB/D
VFB
Feedback Pin
R1518S001C
DELAY
Adjustable Soft-start Time Pin
R1518SxxxE/F
4
CE
Chip Enable Pin, Active-high
5
GND
Ground Pin
6
VOUT
Output Pin
TO-252-5-P2
Pin No.
Symbol
Description
1
VDD
Input Pin
2
NC
No Connection
R1518Jxx1B/D
VFB
Feedback Pin
R1518J001C
DELAY
Adjustable Soft-start Time Pin
R1518Jxx1E/F
3
GND
Ground Pin
4
CE
Chip Enable Pin, Active-high
5
VOUT
Output Pin
*1
The tab on the bottom of the package enhances thermal performance and is electrically connected to GND
(substrate level). The tab is recommended to connect to the ground plane on the board. Otherwise it may be left
floating.


Similar Part No. - R1518

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1518J001C-T1-YE NISSHINBO-R1518J001C-T1-YE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO for Industrial Application
R1518J251B-T1-FE NISSHINBO-R1518J251B-T1-FE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
R1518J251B-T1-YE NISSHINBO-R1518J251B-T1-YE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO for Industrial Application
R1518J251C-T1-FE NISSHINBO-R1518J251C-T1-FE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
R1518J251D-T1-FE NISSHINBO-R1518J251D-T1-FE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
More results

Similar Description - R1518

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
logo
HB Electronic Component...
PLCC3014-W6 HB-PLCC3014-W6 Datasheet
547Kb / 10P
   Absolute maximum rating
PLCC3014-W3 HB-PLCC3014-W3 Datasheet
551Kb / 10P
   Absolute maximum rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com