Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1517S251C-E2-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1517S251C-E2-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1517S251C-E2-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1517S251C-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1517S251C-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
R1517x
NO. EA−304−170112
3
SELECTION GUIDE
The output voltage, version, and package type for this device can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1517Sxx1
-E2-FE
HSOP-6J
1,000 pcs
Yes
Yes
R1517Jxx1
-T1-FE
TO-252-5-P2
3,000 pcs
Yes
Yes
xx: Specify the set output voltage (VSET)
2.5 V (25) / 3.3 V (33) / 3.4 V (34) / 5.0 V (50) / 8.5 V (85)
Note: Contact Ricoh sales representatives for other voltages.
Adjustable output voltage setting type is fixed to (00)
Note: R1517x001C-T1-#E only support
 Specify the version with desired functions
B: No auto-discharge function
C: No auto-discharge function / Adjustable output voltage setting
D: Auto-discharge function
E: No auto-discharge function / Adjustable soft-start time setting
F: Auto-discharge function / Adjustable soft-start time setting
Auto-Discharge function quickly lowers the output voltage to 0 V by releasing the electrical charge in the external
capacitor when the chip enable signal is switched from the active mode to the standby mode.


Similar Part No. - R1517S251C-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1517S251B NISSHINBO-R1517S251B Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
R1517S251D NISSHINBO-R1517S251D Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
R1517S251E NISSHINBO-R1517S251E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
R1517S251E NISSHINBO-R1517S251E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
R1517S251F NISSHINBO-R1517S251F Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
More results

Similar Description - R1517S251C-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
   Voltage rating up to 1800 V
610PT NELLSEMI-610PT Datasheet
1Mb / 6P
   Voltage rating up to 2400 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com