Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1517S501C-E2-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1517S501C-E2-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1517S501C-E2-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1517S501C-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1517S501C-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
R1517x
NO. EA−304−170112
4
PIN DESCRIPTION
1
3
6
4
2
5
12
3
4
5
*1
HSOP-6J
TO-252-5-P2
HSOP-6J
Pin No.
Symbol
Description
1
VDD
Input Pin
2
GND
Ground Pin
3
NC
No Connection
R1517SxxxB/D
VFB
Feedback Pin
R1517S001C
DELAY
Soft-start Time Pin
R1517SxxxE/F
4
CE
Chip Enable Pin, Active-high
5
GND
Ground Pin
6
VOUT
Output Pin
TO-252-5-P2
Pin No.
Symbol
Description
1
VDD
Input Pin
2
NC
No Connection
R1517JxxxB/D
VFB
Feedback Pin
R1517J001C
DELAY
Adjustable Soft-start Time Pin
R1517JxxxE/F
3
GND
Ground Pin
4
CE
Chip Enable Pin, Active-high
5
VOUT
Output Pin
*1 The tab on the bottom of the package enhances thermal performance and is electrically connected to GND (substrate
level). It is recommended that the tab be connected to the ground plane on the board, or otherwise be left open.


Similar Part No. - R1517S501C-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1517S501B NISSHINBO-R1517S501B Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
R1517S501D NISSHINBO-R1517S501D Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
R1517S501E NISSHINBO-R1517S501E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
R1517S501E NISSHINBO-R1517S501E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
R1517S501F NISSHINBO-R1517S501F Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
More results

Similar Description - R1517S501C-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
   Voltage rating up to 1800 V
610PT NELLSEMI-610PT Datasheet
1Mb / 6P
   Voltage rating up to 2400 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com