Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1517S851D-E2-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1517S851D-E2-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1517S851D-E2-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1517S851D-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 12Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 13Page - RICOH electronics devices division R1517S851D-E2-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
R1517x
NO. EA−304−170112
10
Product-specific Electrical Characteristics
The specifications surrounded by
are guaranteed by design engineering at -40°C ≤ Ta ≤ 105°C.
R1517xxx1B/D/E/F
(Ta = 25
C)
Product Name
VOUT [V] (Ta = 25°C)
VOUT [V] (−40 ≤ Ta ≤ 105°C)
VDIF [V]
Min.
Typ.
Max.
Min.
Typ.
Max.
Typ.
Max.
R1517x251x
2.480
2.500
2.520
2.455
2.500
2.545
1.00
R1517x331x
3.274
3.300
3.326
3.241
3.300
3.359
0.45
0.77
R1517x341x
3.373
3.400
3.427
3.339
3.400
3.461
R1517x501x
4.960
5.000
5.040
4.910
5.000
5.090
0.35
0.62
R1517x851x
8.415
8.500
8.585
8.330
8.500
8.670
0.30
0.50
RECOMMENDED OPERATING CONDITIONS (ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1517S851D-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1517S851D NISSHINBO-R1517S851D Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
More results

Similar Description - R1517S851D-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
   Voltage rating up to 1800 V
610PT NELLSEMI-610PT Datasheet
1Mb / 6P
   Voltage rating up to 2400 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com