Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1517S251E-E2-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1517S251E-E2-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1517S251E-E2-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1517S251E-E2-FE Datasheet HTML 1Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 2Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 3Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1517S251E-E2-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
R1517x
NO. EA−304−170112
2
APPLICATIONS
Power source for home appliances such as refrigerators, rice cookers, electric water warmers.
Power source for notebook PCs, digital TVs, telephones, private LAN systems.
Power source for office equipment such as copiers, printers, facsimiles, scanners, and projectors
BLOCK DIAGRAMS
R1517xxxxB
VDD
VOUT
CE
GND
Vref
Internal VR
Soft
Start
Current Limit
Thermal Shutdown
R1517x001C
VDD
VOUT
CE
GND
Vref
Internal VR
VFB
Soft
Start
Current Limit
Thermal Shutdown
R1517xxxxD
VDD
VOUT
CE
GND
Vref
Internal VR
Soft
Start
Current Limit
Thermal Shutdown
R1517xxxxE
VDD
VOUT
CE
GND
Vref
Internal VR
DELAY
Soft
Start
Current Limit
Thermal Shutdown
R1517xxxxF
VDD
VOUT
CE
GND
Vref
Internal VR
DELAY
Soft
Start
Current Limit
Thermal Shutdown


Similar Part No. - R1517S251E-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1517S251E NISSHINBO-R1517S251E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO
R1517S251E NISSHINBO-R1517S251E Datasheet
3Mb / 38P
   500 mA 36V Input Low Supply Current LDO for Industrial Application
More results

Similar Description - R1517S251E-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Nell Semiconductor Co.,...
340PT NELLSEMI-340PT Datasheet
456Kb / 3P
   Voltage rating up to 1600 V
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
   Voltage rating up to 1800 V
610PT NELLSEMI-610PT Datasheet
1Mb / 6P
   Voltage rating up to 2400 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com