Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5112x021B Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R5112x021B
Description  Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5112x021B Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R5112x021B Datasheet HTML 6Page - RICOH electronics devices division R5112x021B Datasheet HTML 7Page - RICOH electronics devices division R5112x021B Datasheet HTML 8Page - RICOH electronics devices division R5112x021B Datasheet HTML 9Page - RICOH electronics devices division R5112x021B Datasheet HTML 10Page - RICOH electronics devices division R5112x021B Datasheet HTML 11Page - RICOH electronics devices division R5112x021B Datasheet HTML 12Page - RICOH electronics devices division R5112x021B Datasheet HTML 13Page - RICOH electronics devices division R5112x021B Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
R5112S
NO.EA-406-160420
10
THEORY OF OPERATION
Timing Chart
R5112SxxxB/D Voltage Detector
(2)
(1)
(3)
(4)
(3)
V
IN
V
OUT /Vsense
V
CD
V
DOUT
+V
DET
-V
DET
tdelay
tdelay
V
TCD
(1) When the VOUT pin voltage (VOUT)/SENSE pin voltage (VSENSE) becomes more than the release voltage
(+VDET), the DOUT pin voltage (VDOUT) becomes “H” after the release output delay time (tdelay).
(2) When the detect output delay time is 25 µs (Typ.) or less even if VOUT/VSENSE becomes lower than the
detector threshold (
−VDET), the voltage detector (VD) does not go into the detecting state.
(3) When VOUT/VSENSE becomes lower than
−VDET, VDOUT becomes "L" after the detect output delay time
(tPHL, Typ. 25 µs) and the VD goes into the detecting state.
(4) When VOUT/VSENSE becomes more than +VDET, VDOUT becomes "H" after the release output delay time
(VTCD = Typ. 0.73 V).
R5112SxxxB/D VD Timing Chart


Similar Part No. - R5112x021B

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R5110110 POWEREX-R5110110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110115 POWEREX-R5110115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110210 POWEREX-R5110210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110215 POWEREX-R5110215 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110310 POWEREX-R5110310 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5112x021B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
   5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G_07 Datasheet
536Kb / 14P
   Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
logo
Texas Instruments
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com