Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD5RW60AA-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RD5RW60AA-TR-FE
Description  Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RD5RW60AA-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RD5RW60AA-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RD5RW60AA-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Rx5RW SERIES
ULTRA SMALL PACKAGE VOLTAGE REGULATOR
NO.EA-048-111020
1
OUTLINE
The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
supply current developed.
Each of these ICs consists of a driver transistor, a voltage reference unit, an error
amplifier, resistors for setting output volt-age and a current limit circuit.
The output voltage of these ICs is fixed with high accuracy.
Even if VOUT is shorted to GND, the included current limit circuit protects the ICs from the destruction.
Furthermore, Rx5RWxxA/B have a chip enable function, so that the supply current on standby can be minimized.
Since the packages for these ICs are SC-82AB and SON1612-6, high density mounting of the ICs on boards
is possible.
FEATURES
• Supply Current .............................................................Typ. 1.5μA
(except pull-up/pull-down current for CE /CE pin)
• Standby Current ...........................................................Typ. 0.1μA (applied to A/B version)
• Dropout Voltage ...........................................................Typ. 40mV (IOUT=1mA, Rx5RW30A/B/C)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±100ppm/°C
• Line Regulation ............................................................Typ. 0.05%/V
• Input Voltage Range ....................................................Max. 8.0V
• Output Voltage Range..................................................1.5V to 6.0V (0.1V steps)
• Output Voltage Accuracy..............................................±2.0%
• Packages .....................................................................SC-82AB, SON1612-6
• Built-in Current Limit Circuits
APPLICATIONS
• Power source for battery-powered equipment.
• Power source for cameras, VCRs, camcorders, hand-held audio instruments and hand-held communication
equipment.
• Precision voltage references.


Similar Part No. - RD5RW60AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW60AA RICOH-RD5RW60AA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
More results

Similar Description - RD5RW60AA-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP110 RICOH-RP110_17 Datasheet
664Kb / 37P
   Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RP106 RICOH-RP106_17 Datasheet
3Mb / 34P
   Supply Current Typ. 48uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com