Electronic Components Datasheet Search |
|
RD5RW20BA-TR-FE Datasheet(PDF) 5 Page - RICOH electronics devices division |
|
RD5RW20BA-TR-FE Datasheet(HTML) 5 Page - RICOH electronics devices division |
5 / 19 page Rx5RW 5 ELECTRICAL CHARACTERISTICS • Rx5RW30A Topt =25°C Symbol Item Conditions Min. Typ. Max. Unit VOUT Output Voltage VIN =5.0V 10 μA≤IOUT≤10mA 2.940 3.000 3.060 V IOUT Output Current VIN =5.0V 50 mA ΔVOUT/ΔIOUT Load Regulation VIN =5.0V, 1mA≤IOUT≤50mA 40 60 mV VDIF Dropout Voltage IOUT =1mA 40 60 mV ISS Supply Current VIN =5.0V 1.5 3.0 μA Istandby Standby Current VIN =5.0V, VCE=5.0V 0.1 1.0 μA ΔVOUT/ΔVIN Line Regulation IOUT =1mA VOUT +0.5V≤VIN≤8V 0 0.05 0.20 %/V VIN Input Voltage 8.0 V ΔVOUT/ΔTopt Output Voltage Temperature Coefficient IOUT =10mA −40°C≤Topt≤85°C ±100 ppm/ °C ISC Short Current Limit 40 mA RPU Pull up resistance for CE pin 1.5 4.0 12.0 M Ω VCEH CE Input Voltage “H” 1.5 V VCEL CE Input Voltage “L” 0.25 V • Rx5RW30B Topt =25°C Symbol Item Conditions Min. Typ. Max. Unit VOUT Output Voltage VIN =5.0V 10 μA≤IOUT≤10mA 2.940 3.000 3.060 V IOUT Output Current VIN =5.0V 50 mA ΔVOUT/ΔIOUT Load Regulation VIN =5.0V 1mA ≤IOUT≤50mA 40 60 mV VDIF Dropout Voltage IOUT =1mA 40 60 mV ISS Supply Current VIN =5.0V 1.5 3.0 μA Istandby Standby Current VIN =5.0V, VCE=GND 0.1 1.0 μA ΔVOUT/ΔVIN Line Regulation IOUT =1mA VOUT +0.5V≤VIN≤8V 0 0.05 0.20 %/V VIN Input Voltage 8.0 V ΔVOUT/ΔTopt Output Voltage Temperature Coefficient IOUT =1mA −40°C≤Topt≤85°C ±100 ppm/ °C ISC Short Current Limit 40 mA RPD Pull down resistance for CE pin 1.5 4.0 12.0 M Ω VCEH CE Input Voltage “H” 1.5 V VCEL CE Input Voltage “L” 0.25 V |
Similar Part No. - RD5RW20BA-TR-FE |
|
Similar Description - RD5RW20BA-TR-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |