Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5112x051D Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R5112x051D
Description  Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5112x051D Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R5112x051D Datasheet HTML 7Page - RICOH electronics devices division R5112x051D Datasheet HTML 8Page - RICOH electronics devices division R5112x051D Datasheet HTML 9Page - RICOH electronics devices division R5112x051D Datasheet HTML 10Page - RICOH electronics devices division R5112x051D Datasheet HTML 11Page - RICOH electronics devices division R5112x051D Datasheet HTML 12Page - RICOH electronics devices division R5112x051D Datasheet HTML 13Page - RICOH electronics devices division R5112x051D Datasheet HTML 14Page - RICOH electronics devices division R5112x051D Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
R5112S
NO.EA-406-160420
11
Delay Operation and Released Output Delay Time (tdelay)
CD Pin Threshold Voltage
(VTCD)
Released Voltage (+VDET)
GND
GND
Detector Voltage (-VDET)
Detect Output Delay Time (tPHL)
Release Output Delay Time
(tdelay)
VOUT/
SENSE Pin
CD Pin Voltage
DOUT Pin
Released Output Delay Timing Diagram
When the operating voltage higher than the released voltage is applied to VOUT pin (R5112SxxxD) or
SENSE pin (R5112SxxxB), charge to an external capacitor starts, then CD pin voltage (VCD) increases.
DOUT pin (R5112SxxxB/D) maintains the released output until VCD reaches the threshold voltage of the
release output delay pin (VTCD). And when VCD is over VTCD, DOUT pin is inverted from “L” to “H”. That is, the
charged external capacitor starts discharging.
When the operating voltage lower than the detector threshold is applied to VOUT pin/SENSE pin, the detect
output delay time, which is the time until the output voltage is inverted from “H” to “L”, remains constant
independent of the external capacitor.
Released Output Delay Time
Released Output Delay Time (tdelay) is determined by the following formula. CD (F) represents capacitance of
the external capacitor
tdelay (s) = 0.73
× CD (F) / (1.2 × 10-6)
Use 100 pF or higher CD when allowing this device to detect VOUT/SENSE pin decreasing slower than 0.1 V/s.
Released Output Delay Time indicates the time between the instance when VOUT pin (R5112SxxxD) or SENSE
pin (R5112SxxxB) shifts from “1.5 V” to “
−VDET + 2.0 V” by the application of a pulse voltage and the instance
when the output voltage reaches 2.5 V after pulled up DOUT pin (R5112SxxxB/D) to 5.0 V with a resistor of
100 k
Ω.
-VDET
+2.0V
1.5V
VOUT/SENSE
GND
5.0V
2.5V
GND
DOUT
tdelay
tPHL


Similar Part No. - R5112x051D

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R5110110 POWEREX-R5110110 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110115 POWEREX-R5110115 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110210 POWEREX-R5110210 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110215 POWEREX-R5110215 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
R5110310 POWEREX-R5110310 Datasheet
483Kb / 4P
   General Purpose Rectifier (100-150 Amperes Average 1200 Volts)
More results

Similar Description - R5112x051D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_09 Datasheet
307Kb / 13P
   5-V Voltage Regulator Input voltage up to 42 V
Rev. 1.4, 2009-01-12
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Infineon Technologies A...
TLE4242G INFINEON-TLE4242G_07 Datasheet
536Kb / 14P
   Adjustable LED Driver Wide input voltage range up to 42 V Low drop voltage
Rev. 1.1, 2007-03-20
logo
Texas Instruments
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com