Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE5RF45B-TR-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RE5RF45B-TR-FE
Description  Supply Current Typ. 30uA
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RF45B-TR-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RE5RF45B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RE5RF45B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RN5RF
9
4)
Output Voltage vs. Temperature
RN5RF30A
RN5RF50A
3.10
3.00
3.05
2.95
2.90
Temperature Topt( )
-50
25
-25
0
50
75
100
VIN=4V,IOUT=10mA
5.10
5.00
5.05
4.95
4.90
-50
25
-25
0
50
75
100
VIN=6V,IOUT=10mA
Temperature Topt( )
5)
Supply Current vs. Input Voltage (Topt=25°C)
RN5RF30A
RN5RF50A
100
60
50
80
70
90
40
30
20
10
0
Input Voltage VIN(V)
04
26
8
10
IOUT=0mA
100
60
50
80
70
90
40
30
20
10
0
Input Voltage VIN(V)
04
26
8
10
IOUT=0mA
6)
Supply Current vs. Temperature
RN5RF30A
RN5RF50A
50
30
40
20
10
0
Temperature Topt( )
-50
0
-25
25
50
75
100
VIN=4V,IOUT=0mA
50
30
40
20
10
0
Temperature Topt( )
-50
0
-25
25
50
75
100
VIN=6V,IOUT=0mA


Similar Part No. - RE5RF45B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RE20AA RICOH-RE5RE20AA Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-RF RICOH-RE5RE20AA-RF Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-RR RICOH-RE5RE20AA-RR Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-T1 RICOH-RE5RE20AA-T1 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RE5RE20AA-T2 RICOH-RE5RE20AA-T2 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
More results

Similar Description - RE5RF45B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com