Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP103K201B-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP103K201B-TR
Description  Supply Current Typ. 36uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP103K201B-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP103K201B-TR Datasheet HTML 1Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 2Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 3Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 4Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 5Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 6Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 7Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 8Page - RICOH electronics devices division RP103K201B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
RP103x SERIES
LOW NOISE 150mA LDO REGULATOR
NO.EA-149-160426
1
∗RP103Qxx2 (SC-88A) is the discontinued product. As of April in 2016
OUTLINE
The RP103x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference
unit, an error amplifier, resistor-net for voltage setting, a current limit circuit, and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function. The line transient response and load
transient response of the RP103x Series are excellent, thus these ICs are very suitable for the power supply for
hand-held communication equipment.
The output voltage of these ICs is fixed with high accuracy. Since the packages for these ICs are
DFN(PLP)1010-4, SC-82AB, SC-88A, SOT-23-5, therefore high density mounting of the ICs on boards is
possible.
FEATURES
• Supply Current .............................................................Typ. 36μA
• Standby Mode ..............................................................Typ. 0.1μA
• Dropout Voltage............................................................Typ. 0.21V (IOUT=150mA, VOUT=2.8V)
• Ripple Rejection ...........................................................Typ. 75dB (f=1kHz)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±30ppm/°C
• Line Regulation ............................................................Typ. 0.02%/V
• Output Voltage Accuracy..............................................±1.0%
• Packages......................................................................DFN(PLP)1010-4, SC-82AB, SC-88A, SOT-23-5
• Input Voltage Range.....................................................1.7V to 5.25V
• Output Voltage Range..................................................1.2V to 3.3V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .... 0.47μF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
• Power source for home appliances.


Similar Part No. - RP103K201B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K201B RICOH-RP103K201B Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
RP103K201B RICOH-RP103K201B Datasheet
26Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
More results

Similar Description - RP103K201B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com