Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1518J251D-T1-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1518J251D-T1-FE
Description  Input Voltage Range (Maximum Rating)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1518J251D-T1-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1518J251D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1518J251D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
R1518x Series
1 A 36V Input Low Supply Current LDO
NO.EA−329−170112
1
OUTLINE
R1518x is a CMOS-based LDO that specifically designed for automotive applications featuring 1 A output
current and 36 V input voltage. In addition to a conventional regulator circuit, R1518x consists of a constant
slope circuit as a soft-start function, a fold-back protection circuit, a short current limit circuit, and a thermal
shutdown circuit. Besides the low supply current by CMOS, the operating temperature is −40°C to 105°C and
the maximum input voltage is 36 V, the R1518x is very suitable for power source of car accessories.
R1518x is available in R1518xxxxB/D/E/F with the internally fixed output voltage, and R1518xxxxD/F with the
auto-discharge function at standby.
R1518x001C can adjust the output voltage with an external resistor. R1518xxxxB/C/D internally fixes the soft-
start time at 120 µs (Typ). R1518xxxxE/F can adjust the soft-start time with an external capacitor.
R1518x is available in two packages for ultra high wattage: HSOP-6J and TO-252-5-P2.
FEATURES
Input Voltage Range (Maximum Rating) ·············· 3.5 V to 36.0 V (50.0V)
Operating Temperature range ···························
40°C to 105°C
Supply Current··············································· Typ. 18 µA
Standby Current············································· Typ. 0.1 µA
Dropout Voltage ············································· Typ. 0.7 V (IOUT = 1 A, VOUT = 5.0 V)
Output Voltage Accuracy·································· ±0.8% (VOUT ≤ 5.0 V)
Line Regulation·············································· Typ. 0.01%/V
Packages ····················································· HSOP-6J, TO-252-5-P2
Output Voltage Range ····································· R1518xxxxB/D/E/F: 2.5V/3.3V/3.4V/5.0V/6.0V/8.5V
*Contact Ricoh sales representatives for other voltages.
R1518x001C: Adjustable from 2.5 V to 12.0 V
with external resistor
Feedback Voltage: 2.5 V
Built-in Short Current Limit Circuit ······················ Typ. 150 mA
Built-in Fold-Back Protection Circuit···················· Min. 1A
Built-in Thermal Shutdown Circuit ······················ Typ. 160°C
Built-in Soft-start Circuit ··································· Typ.120 µs
R1518xxxxE/F: Adjustable Time Setting with External 
Capacitors.
Ceramic Capacitors can be used ······················· R1518xxxxB/D/E/F: 0.1 µF or more
R1518x001C: 1.0 µF or more


Similar Part No. - R1518J251D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1518J251D-T1-FE NISSHINBO-R1518J251D-T1-FE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
More results

Similar Description - R1518J251D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
logo
HB Electronic Component...
PLCC3014-W6 HB-PLCC3014-W6 Datasheet
547Kb / 10P
   Absolute maximum rating
PLCC3014-W3 HB-PLCC3014-W3 Datasheet
551Kb / 10P
   Absolute maximum rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com