Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5326N040-TR-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R5326N040-TR-FE
Description  Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5326N040-TR-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R5326N040-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R5326N040-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
R5326x
3
SELECTION GUIDE
The output voltage, auto discharge function, package for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R5326Zxxx
∗-E2-F
WLCSP-6-P1
5,000 pcs
Yes
Yes
R5326Kxxx
∗-TR
DFN(PLP)1820-6
5,000 pcs
Yes
Yes
R5326Nxxx
∗-TR-FE
SOT-23-6
3,000 pcs
Yes
Yes
xxx : The combination of output voltage for each channel can be designated by serial numbers. (from 001)
The output voltage for each channel can be set in the range from 0.8V to 4.2V in 0.1V steps.
(For details, please refer to MARK INFORMATIONS.)
∗ : The auto discharge function at off state are options as follows.
(A) without auto discharge function at off state
(B) with auto discharge function at off state
*R5326N (SOT-23-6) and R5326Z (WLCSP-6-P1) are the discontinued product. As of June in 2016.


Similar Part No. - R5326N040-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5326N001A RICOH-R5326N001A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N001B RICOH-R5326N001B Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N002A RICOH-R5326N002A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N002B RICOH-R5326N002B Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
R5326N003A RICOH-R5326N003A Datasheet
652Kb / 35P
   Automatic Mode Shift 2ch 150mA LDO
More results

Similar Description - R5326N040-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5324 RICOH-R5324 Datasheet
499Kb / 30P
   Supply Current Typ. 90uA (VR1, VR2, VR3)
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
logo
Infineon Technologies A...
IFX30081LDV33 INFINEON-IFX30081LDV33 Datasheet
1Mb / 26P
   Ultra Low Quiescent Current of typ. 5.5
Rev.1.0, 2015-09-14
logo
RICOH electronics devic...
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com