Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1518J341D-T1-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # R1518J341D-T1-FE
Description  Input Voltage Range (Maximum Rating)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1518J341D-T1-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button R1518J341D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1518J341D-T1-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
R1518x
NO.EA−329−170112
6
ABSOLUTE MAXMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
−0.3 to 50
V
VIN
Peak Input Voltage*1
60
V
VCE
Input Voltage (CE Pin)
−0.3 to 50
V
VFB
Input Voltage (VFB Pin)
−0.3 to 50
V
VOUT
Output Voltage
−0.3 to VIN + 0.3 ≤ 50
V
PD
Power Dissipation
(HSOP-6J)*2
Standard Land Pattern
1700
mW
Ultra High Wattage Land Pattern
2700
Power Dissipation
(TO-252-5-P2)*2
Standard Land Pattern
1900
Ultra High Wattage Land Pattern
3800
Ta
Operating Temperature Range
−40 to 105
°C
Tstg
Storage Temperature Range
−55 to 125
°C
*1 Duration time = 200 ms
*2 Refer to PACKAGE INFORMATION for detailed information.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the
device in the field. The functional operation at or over these absolute maximum ratings is not assured.


Similar Part No. - R1518J341D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1518J341D-T1-FE NISSHINBO-R1518J341D-T1-FE Datasheet
2Mb / 38P
   1 A 36V Input Low Supply Current LDO
More results

Similar Description - R1518J341D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1510S RICOH-R1510S Datasheet
1Mb / 41P
   Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
DRP048V240W1BX DELTA-DRP048V240W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
logo
HB Electronic Component...
PLCC3014-W6 HB-PLCC3014-W6 Datasheet
547Kb / 10P
   Absolute maximum rating
PLCC3014-W3 HB-PLCC3014-W3 Datasheet
551Kb / 10P
   Absolute maximum rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com