Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP108J101B-T1-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP108J101B-T1-FE
Description  Output Current Min. 3A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP108J101B-T1-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP108J101B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division RP108J101B-T1-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RP108J
NO.EA-203-150817
8
TECHNICAL NOTES
When using the RP108J as an internally fixed output voltage type, please connect the VOUT pin to the VFB pin.
However, when using it as the Adjustable Output Voltage Type, The output voltage of the externally adjustable
output voltage type should be set to 4.2V or less. Also, total resistors value of R1 and R2 should be 20k
Ω or less.
Phase Compensation
In the IC, phase compensation is made for securing stable operation even if the load current is varied. For this
purpose, use a 10
μF or more capacitor C2.
In case of using a tantalum capacitor and its ESR is large, the output may be unstable. Therefore, select C2
carefully considering its frequency characteristics.
The recommended temperature characteristics for C1 and C2 capacitors are the followings.
B Characteristics: Temperature range from −25°C to 85°C, Capacitance change of ±10%
X5R Characteristics: Temperature range from −55°C to 85°C, Capacitance change of ±15%
X7R Characteristics: Temperature range from −55°C to 125°C, Capacitance change of ±15%
The recommended capacitor’s tolerable voltage is twice as large as the voltage of use (C1: Input voltage,
C2: Output voltage). The upper limit of the capacitance value for C2 is 100
µF.
However, the increase of C2 leads to the increase of inrush current. Refer to CONSTANT SLOPE CIRCUIT for
detailed information.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 10
μF or more between VDD and GND pin, and
as close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs and make wiring
as short as possible.
Transient Response
When using the Adjustable Output Voltage Type, the transient response could be affected by the external
resistors. Evaluate the circuit taking the actual conditions of use into account.


Similar Part No. - RP108J101B-T1-FE

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP108 DEC-RP108 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP108J101B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP131 RICOH-RP131 Datasheet
779Kb / 36P
   Output Current Min. 1A
RP132 RICOH-RP132 Datasheet
1Mb / 47P
   Output Current Min. 1A
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Intersil Corporation
ISL85033DUALEVAL1Z INTERSIL-ISL85033DUALEVAL1Z Datasheet
1Mb / 9P
   Wide VIN Dual Standard Buck Regulator With 3A/3A Output Current
logo
Lineage Power Corporati...
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com