Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP109K151B-TR Datasheet(PDF) 5 Page - RICOH electronics devices division

Part # RP109K151B-TR
Description  Supply Current Typ. 50uA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP109K151B-TR Datasheet(HTML) 5 Page - RICOH electronics devices division

  RP109K151B-TR Datasheet HTML 1Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 2Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 3Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 4Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 5Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 6Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 7Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 8Page - RICOH electronics devices division RP109K151B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
RP109x
NO.EA-204-131023
5
ELECTRICAL CHARACTERISTICS
RP109xxxxB/D
VIN=VSET+1.0V (VOUT>1.5), VIN=2.5V(VOUT≤1.5V), IOUT=1mA, CIN=COUT=0.1μF, unless otherwise noted.
The specifications surrounded by
are guaranteed by Design Engineering at -40ºC
≤ Ta ≤ 85 ºC.
RP109x Series
(Ta=25
°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VSET ≥ 1.8V
x 0.99
x 1.01
V
Ta= 25
°C
VSET < 1.8V
-18
+18
mV
VSET ≥ 1.8V
x 0.985
x 1.015
V
VOUT
Output Voltage
-40
°C ≤ Ta ≤ 85°C
VSET < 1.8V
-50
+50
mV
IOUT
Output Current
150
mA
ΔV
OUT
/
ΔI
OUT
Load Regulation
1mA
≤ I
OUT
≤ 150mA
5
30
mV
V
DIF
Dropout Voltage
Please see Dropout Voltage on the next page.
I
SS
Supply Current
I
OUT
= 0mA
50
70
μA
Istandby
Supply Current
(Standby Mode)
V
CE
= 0V
0.1
1.0
μA
ΔV
OUT
/
ΔV
IN
Line Regulation
V
SET
+0.5V ≤ V
IN
≤ 5.25V
V
IN
≥ 1.4V
0.02
0.10
%/V
RR
Ripple Rejection
f = 1kHz
Ripple 0.2Vp-p
VIN = VSET +1.0V
I
OUT
= 30mA
75
dB
V
IN
Input Voltage
*1
1.4
5.25
V
VSET ≥ 1.8V
±30
ΔV
OUT
/
ΔTa
Output Voltage
Temperature Coefficient
-40
°C ≤ Ta ≤ 85°C
VSET < 1.8V
±100
ppm
/
°C
I
SC
Short Current Limit
V
OUT
= 0V
40
mA
I
PD
CE Pull-down Current
0.3
0.6
μA
V
CEH
CE Input Voltage “H”
1.0
V
V
CEL
CE Input Voltage “L”
0.4
V
VSET ≥ 1.8V
20
x VSET
en
Output Noise
BW = 10Hz to
100kHz
VSET < 1.8V
40
x VSET
μVrms
RLOW
Nch On Resistance
for Auto-discharge
(D Version Only)
VIN = 4.0V
VCE = 0V
60
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj
≈Ta=25ºC)
except Output Noise, Ripple Rejection, and Output Voltage Temperature Coefficient.
*1 Maximum input voltage is 5.25V. If, for any reason the input voltage exceeds 5.25V, it has to be no more than
5.5V, and total operating time should be within 500 hours.


Similar Part No. - RP109K151B-TR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RP1094 RFMD-RP1094 Datasheet
149Kb / 2P
   915.0 MHz SAW RESONATOR
More results

Similar Description - RP109K151B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com