Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A914BYW-4R7M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # A914BYW-4R7M
Description  Inductance test frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

A914BYW-4R7M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  A914BYW-4R7M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. A914BYW-4R7M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L size
5.2 mm
W size
5.2 mm
T size
2.0 mm
Size code in inch (mm)
2020 (5252)
Notes
Rated current (Isat) is specified when the decrease of the initial
inductance value at 30%. (The ambient reference temperature is
20℃)
Rated current (Itemp) is specified when temperature of the
inductor is raised 40℃ by DC current. (The ambient reference
temperature is 20℃)
References
Packaging
code
Specifications
Minimum quantity
=P3
φ330mm Embossed taping
2000
Mass (Typ.)
1 piece
0.138g
Specifications
Inductance
4.7µH ±20%
Inductance test frequency
0.1MHz
Rated current (Isat) (Based on Inductance change)
1140mA
Rated current (Itemp) (Based on Temperature rise)
1300mA
Max. of DC resistance
0.087Ω
Operating temperature range (Self-temperature rise is included)
-40~85℃
Class of magnetic shield
Ferrite Core
< List of part num bers with package codes >
#A914BYW-4R7M=P3
Shape
#A914BYW-4R7M=P3
Last updated: 20 17/0 2/0 6
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/


Similar Part No. - A914BYW-4R7M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
A914BYW-4R7M TOKO-A914BYW-4R7M Datasheet
97Kb / 1P
   Fixed Inductors for Surface Mounting
A914BYW-4R7M TOKO-A914BYW-4R7M Datasheet
287Kb / 1P
   Ferrite Inductors
More results

Similar Description - A914BYW-4R7M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
A914BYW-3R5M MURATA-A914BYW-3R5M Datasheet
725Kb / 2P
   Inductance test frequency
A914BYW-150M MURATA-A914BYW-150M Datasheet
725Kb / 2P
   Inductance test frequency
A914BYW-560M MURATA-A914BYW-560M Datasheet
725Kb / 2P
   Inductance test frequency
A915BY-100M MURATA-A915BY-100M Datasheet
725Kb / 2P
   Inductance test frequency
A915BY-101M MURATA-A915BY-101M Datasheet
725Kb / 2P
   Inductance test frequency
1255AY-100M MURATA-1255AY-100M Datasheet
726Kb / 2P
   Inductance test frequency
1255AY-330M MURATA-1255AY-330M Datasheet
726Kb / 2P
   Inductance test frequency
A915AY-2R0M MURATA-A915AY-2R0M Datasheet
725Kb / 2P
   Inductance test frequency
A915AY-680M MURATA-A915AY-680M Datasheet
725Kb / 2P
   Inductance test frequency
A915BY-150M MURATA-A915BY-150M Datasheet
725Kb / 2P
   Inductance test frequency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com