Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP106K121B-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP106K121B-TR
Description  Supply Current Typ. 48uA
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP106K121B-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP106K121B-TR Datasheet HTML 3Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 4Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 5Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 6Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 7Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 8Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 9Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 10Page - RICOH electronics devices division RP106K121B-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
RP106x
NO.EA-180-131017
7
TYPICAL APPLICATION
C1
RP106x
Series
VDD
VOUT
CE
GND
C2
VOUT
(External Components)
C1, C2
Ceramic 1.0µF
MURATA: GRM155B31A105KE15
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with 1.0µF or more.
If a tantalum capacitor is used, and its ESR (Equivalent Series Resistance) of C2 is large, the loop oscillation
may result. Because of this, select C2 carefully considering its frequency characteristics.
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0µF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.
Impedance of Input pin
CE pull-down constant current circuit is built in the RP106x.
However, if the CE pin is floating and the wiring is long, the malfunction may occur by noise. Therefore, fully
evaluation on the actual PCB is necessary.
*RP106N (SOT-23-5) is the non-promotion product. As of March in 2015.


Similar Part No. - RP106K121B-TR

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP106 DEC-RP106 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
More results

Similar Description - RP106K121B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com