Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP103Q122D-TR-FE Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP103Q122D-TR-FE
Description  Supply Current Typ. 36uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP103Q122D-TR-FE Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP103Q122D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP103Q122D-TR-FE Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
RP103x
NO.EA-149-160426
7
∗RP103Qxx2 (SC-88A) is the discontinued product. As of April in 2016
TYPICAL APPLICATION
C1
RP103x
Series
VDD
VOUT
CE
GND
C2
VOUT
(External Components)
C2
0.47
μF
MURATA: GRM155B30J474KE18B
TECHNICAL NOTES
When using the RP103x Series, please consider the following points.
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance).
(Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 0.47
μF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP103Q122D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103Q121B RICOH-RP103Q121B Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
RP103Q121D RICOH-RP103Q121D Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
More results

Similar Description - RP103Q122D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com