Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP107K151B-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP107K151B-TR
Description  Supply Current Typ. 9.5uA
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP107K151B-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP107K151B-TR Datasheet HTML 3Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 4Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 5Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 6Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 7Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 8Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 9Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 10Page - RICOH electronics devices division RP107K151B-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
RP107x
NO.EA-181-131018
7
TYPICAL APPLICATION
CIN
RP107x
Series
VDD
VOUT
CE
GND
COUT
VOUT
TECHNICAL NOTES
When using the RP107x Series, please note the following points.
*Phase Compensation
The RP107x Series are using an output capacitor as phase compensation to ensure a stable operation even if
the output load fluctuates. To reduce the output voltage fluctuation, it is imperative that a 0.1µF to 10µF output
capacitor be used. When doing so, please note the following three points.
1.
If the output capacitor is 2.2µF or more and the output current is 0.01mA or less*1, the noise level may
increase beyond 40µV, therefore, it is imperative that the stability of operation including the frequency
characteristics be evaluated.
2.
If the output capacitor is 0.01µF or less and the output current is 0.1mA or less*2, the exogenous noise
occurred in the other circuits may give some impacts on the noise level, therefore it is imperative that the
enough measures be taken such as to make GND lowered.
As for 1 and 2, please refer to the chart of the External Capacitor vs. Output Voltage.
0
0.0001
0.001
0.01
0.1
1
10
0
0.001
0.01
0.1
1
10
100
1000
I
OUT [mA]
ノイズレベル>40
μV
外来ノイズの影響を受け易い
ノイズレベル≦40
μV
※1
※2
IOUT [mA]
Noise Level
≤ 40µV
Noise Level > 40µV
This area could be easily affected by exogenous noise.
*1
*2
External Capacitor vs. Output Voltage
3.
In case of using a tantalum capacitor, the output may oscillate if the effective series resistance (ESR)
is high, therefore, it is imperative that the ESR vs. Frequency be considered.
PCB Layout
If the impedances of VDD and GND lines are high, the ICs may pick up noise or may cause unstable operation
when the current flows. Therefore, make VDD and GND the lowest possible. Also, place a 0.1µF or more CIN
capacitor between VDD pin and GND pin as close as possible to each other.
*RP107N (SOT-23-5) is the non-promotion product. As of June in 2016.


Similar Part No. - RP107K151B-TR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-11005DRAW RECOM-RP10-11005DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11005SRAW RECOM-RP10-11005SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012DRAW RECOM-RP10-11012DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11012SRAW RECOM-RP10-11012SRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
RP10-11015DRAW RECOM-RP10-11015DRAW Datasheet
813Kb / 8P
   10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results

Similar Description - RP107K151B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com