Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP103N151B-TR-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RP103N151B-TR-FE
Description  Supply Current Typ. 36uA
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP103N151B-TR-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  RP103N151B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP103N151B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
RP103x
NO.EA-149-160426
2
∗RP103Qxx2 (SC-88A) is the discontinued product. As of April in 2016
BLOCK DIAGRAMS
RP103xxxxB
RP103xxxxD
VDD
GND
VOUT
CE
Vref
Current Limit
VDD
GND
VOUT
CE
Vref
Current Limit
SELECTION GUIDE
The output voltage, auto discharge function, package, and the taping type, etc. for the ICs can be selected at
the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RP103Kxx1
∗-TR
DFN(PLP)1010-4
10,000 pcs
Yes
Yes
RP103Qxx1
∗-TR-FE
SC-82AB
3,000 pcs
Yes
Yes
RP103Qxx2
∗-TR-FE
SC-88A
3,000 pcs
Yes
Yes
RP103Nxx1
∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: The set output voltage (VSET) can be designated in the range from 1.2V to 3.3V in 0.1V steps.
Exception: 1.85V=RP103x18x
∗5-xx
2.85V=RP103x28x
∗5-xx
∗: CE pin polarity and auto discharge function at off state are options as follows.
(B) "H" active, without auto discharge function at off state
(D) "H" active, with auto discharge function at off state


Similar Part No. - RP103N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103N151B RICOH-RP103N151B Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
RP103N151B RICOH-RP103N151B Datasheet
24Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
More results

Similar Description - RP103N151B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com