Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1524N060B-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1524N060B-TR-FE
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1524N060B-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1524N060B-TR-FE Datasheet HTML 1Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 2Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 3Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 4Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 5Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 6Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division R1524N060B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
R1524x Series
200 mA 36 V Input Ultra Low Supply Current VR
NO.EA-332-160720
1
OUTLINE
The R1524x is a CMOS-based ultra low supply current voltage regulator featuring 200 mA output current and
36 V input voltage. This device consists of an Output Short-circuit Protection Circuit, an Over-current Protection
Circuit, and a Thermal Shutdown Circuit in addition to the basic regulator circuits. The operating temperature
range is from
−40°C to 105°C, and the maximum input voltage is 36 V. All these features allow the R1524x to
become an ideal power source of electric home appliances.
The output voltages are internally fixed at either of the following: 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 3.4 V, 5.0 V,
6.0 V, 8.0 V, 8.5 V and 9.0 V. The output voltage accuracy is ±0.6%.
The packages for this device range from high-density mounting to ultra high wattage. The R1524x is offered
in a 5-pin SOT-23-5, a 5-pin SOT-89-5, a 6-pin HSOP-6J, and a 6-pin DFN(PLP)1820-6 package.
FEATURES
● Input Voltage Range (Maximum Rating) ············· 3.5 V to 36 V (50 V)
● Operating Temperature Range ·························
−40°C to 105°C
● Supply Current ············································· Typ. 2.2 µA
● Standby Current············································ Typ. 0.1 µA
● Dropout Voltage ············································ Typ. 0.6 V (IOUT = 200 mA, VOUT = 5.0 V)
● Output Voltage Range ···································· 1.8 V / 2.5 V / 2.8 V / 3.0 V / 3.3 V / 3.4 V /
5.0 V / 6.0 V / 8.0 V / 8.5 V / 9.0 V
*Contact Ricoh sales representatives for other voltages.
● Output Voltage Accuracy································· ±0.6% (Ta = 25°C)
● Output Voltage Temperature-Drift Coefficient······· Typ. ±60 ppm/°C
● Line Regulation············································· Typ. 0.01%/V (VSET + 1 V
≤ VIN ≤ 36 V)
● Built-in Output Short-circuit Protection Circuit ······ Typ. 80 mA
● Built-in Over-current Protection Circuit ··············· Typ. 350 mA
● Built-in Thermal Shutdown Circuit ····················· Thermal Shutdown Temperature: Typ. 160°C
● Ceramic capacitors are recommended
to be used with this device ····························· COUT = 0.1
μF or more
● Packages ···················································· SOT-23-5, SOT-89-5, HSOP-6J, DFN(PLP)1820-6
APPLICATIONS
● Power source for home appliances such as refrigerators, rice cookers, and electric hot-water pot.
● Power source for notebook PCs, digital TVs, cordless phones, and private LAN system.
● Power source for office equipment machines such as copiers, printers, facsimiles, scanners, and projectors.


Similar Part No. - R1524N060B-TR-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1524N060B-TR-FE NISSHINBO-R1524N060B-TR-FE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
More results

Similar Description - R1524N060B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com