Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP111N361B-TR-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP111N361B-TR-FE
Description  Supply Current Typ. 80uA
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111N361B-TR-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP111N361B-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP111N361B-TR-FE Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
RP111x
NO.EA-241-150204
11
CIN
1.0µF, COUT1.0µF, IOUT1mA Peak Output Current (tr=tf=5.0s)
Input Transient Response has the output voltage dependency. Please refer to the characteristics examples
below.
VIN: Set VOUT+0.5VSet VOUT+1.5V (tr
tf5.0µs), VIN≧1.4V,
COUT
1.0µF, IOUT30mA
The graphs shown above are reference data.
For the better transient response, a capacitor with higher capacitance is recommended and the wire
impedance of GND and VOUT should be minimized as possible.
The transient response characteristics depend on the external parts and PCB layout. Therefore, the
operating conditions for the transient response in the application should be considered and evaluation is
necessary.
0
1
2
3
4
0.4
1.2
2.0
2.8
3.6
Set Output Voltage VREG (V)
MAX.
TYP.
-4
-3
-2
-1
0
0.41.2
2.02.8
3.6
Set Output Voltage VREG (V)
MAX.
TYP.
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
Peak Output Current [mA]
TYP.
MAX.
0
5
10
15
20
25
30
35
0
100
200
300
400
500
Peak Output Current [mA]
MAX.
TYP.


Similar Part No. - RP111N361B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111N361B RICOH-RP111N361B Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111N361B-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com