Electronic Components Datasheet Search |
|
RP107Q112B-TR-FE Datasheet(PDF) 4 Page - RICOH electronics devices division |
|
RP107Q112B-TR-FE Datasheet(HTML) 4 Page - RICOH electronics devices division |
4 / 40 page RP107x NO.EA-181-131018 4 ABSOLUTE MAXIMUM RATINGS Symbol Item Rating Unit VIN Input Voltage 6.0 V VCE Input Voltage (CE Pin) −0.3 to 6.0 V VOUT Output Voltage −0.3 to VIN+0.3 V IOUT Output Current 400 mA Power Dissipation ∗ (WLCSP-4-P5) 278 Power Dissipation ∗ (DFN(PLP)1212-6) 400 Power Dissipation ∗ (SC-88A) 380 PD Power Dissipation ∗ (SOT-23-5) 420 mW Topt Operating Temperature Range −40 to 85 °C Tstg Storage Temperature Range −55 to 125 °C ∗) For Power Dissipation, please refer to PACKAGE INFORMATION. ABSOLUTE MAXIMUM RATINGS Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the permanent damages and may degrade the life time and safety for both device and system using the device in the field. The functional operation at or over these absolute maximum ratings is not assured. *RP107N (SOT-23-5) is the non-promotion product. As of June in 2016. |
Similar Part No. - RP107Q112B-TR-FE |
|
Similar Description - RP107Q112B-TR-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |