Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP109Q202D-TR-FE Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP109Q202D-TR-FE
Description  Supply Current Typ. 50uA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP109Q202D-TR-FE Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP109Q202D-TR-FE Datasheet HTML 1Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP109Q202D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
RP109x SERIES
LOW NOISE 150mA LDO REGULATOR
NO.EA-204-131023
1
OUTLINE
The RP109x Series are CMOS-based voltage regulator ICs with high output voltage accuracy, extremely low
supply current, low ON-resistance, and high ripple rejection. Each of these ICs consists of a voltage reference
unit, an error amplifier, a resistor-net for voltage setting, a current limit circuit and a chip enable circuit.
These ICs perform with low dropout voltage and a chip enable function which prolong the battery life.
The line transient response and load transient response of the RP109x Series are excellent, thus these ICs are
very suitable for the power supply for hand-held communication equipment. RP109x Series contributes to the
downsizing of the hand-held equipment because it can use the 0.1
μF ceramic capacitor.
In addition to SOT-23-5, SC-88A and DFN1010-4 packages, a 0.8mm square ultra compact DFN(PLP)0808-4
package is also available.
FEATURES
• Supply Current .............................................................Typ. 50μA
• Standby Mode ..............................................................Typ. 0.1μA
• Dropout Voltage............................................................Typ. 0.25V (IOUT=150mA, VOUT=2.5V)
• Ripple Rejection ...........................................................Typ. 75dB (f=1kHz, VOUT=2.5V)
• Temperature-Drift Coefficient of Output Voltage ..........Typ. ±100ppm/°C (VOUT<1.8V)
Typ.
±30ppm/°C (VOUT≥1.8V)
• Line Regulation ............................................................Typ. 0.02%/V
• Output Voltage Accuracy..............................................±1.0%
• Packages......................................................................DFN(PLP)0808-4, DFN1010-4, SC-88A, SOT-23-5
• Input Voltage Range.....................................................1.4V to 5.25V
• Output Voltage Range..................................................0.8V to 3.6V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
• Built-in Fold Back Protection Circuit.............................Typ. 40mA (Current at short mode)
• Ceramic capacitors are recommended to be used with this IC .... 0.1μF or more
APPLICATIONS
• Power source for portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs and camcorders.
• Power source for battery-powered equipment.
• Power source for home appliances.


Similar Part No. - RP109Q202D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RP1094 RFMD-RP1094 Datasheet
149Kb / 2P
   915.0 MHz SAW RESONATOR
More results

Similar Description - RP109Q202D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com