Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NST3946DXV6T5G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NST3946DXV6T5G
Description  Complementary General Purpose Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NST3946DXV6T5G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NST3946DXV6T5G Datasheet HTML 3Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 4Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 5Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 6Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 7Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 8Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 9Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 10Page - ON Semiconductor NST3946DXV6T5G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NST3946DXV6
http://onsemi.com
7
(NPN)
TYPICAL STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25
°C
-55
°C
(NPN)
Figure 16. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
10
0.2
0.3
0
1.0
0.7
5.0
7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
30 mA
100 mA
(NPN)
Figure 17. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
1.2
0.2
Figure 18. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
0
100
-0.5
0
0.5
1.0
0
60
80
120
140
160
180
20
40
100
200
-1.0
-1.5
-2.0
200
TJ = 25°C
VBE(sat) @ IC/IB =10
VCE(sat) @ IC/IB =10
VBE @ VCE =1.0 V
+25
°C TO +125°C
-55
°C TO +25°C
+25
°C TO +125°C
-55
°C TO +25°C
qVC FOR VCE(sat)
qVB FOR VBE(sat)
(NPN)
(NPN)


Similar Part No. - NST3946DXV6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3946DXV6T5G ONSEMI-NST3946DXV6T5G Datasheet
172Kb / 12P
   Complementary General Purpose Transistor
July, 2012 ??Rev. 2
More results

Similar Description - NST3946DXV6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3946DXV6T1G ONSEMI-NST3946DXV6T1G Datasheet
172Kb / 12P
   Complementary General Purpose Transistor
July, 2012 ??Rev. 2
logo
Motorola, Inc
MD986 MOTOROLA-MD986 Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
NST847BPDP6T5G ONSEMI-NST847BPDP6T5G Datasheet
107Kb / 7P
   Dual Complementary General Purpose Transistor
May, 2008 ??Rev. 0
NST3946DP6T5G ONSEMI-NST3946DP6T5G_14 Datasheet
70Kb / 7P
   Dual Complementary General Purpose Transistor
June, 2014 ??Rev. 2
NST3946DP6T5G ONSEMI-NST3946DP6T5G Datasheet
109Kb / 7P
   Dual Complementary General Purpose Transistor
July, 2008 ??Rev. 1
UMZ1NT1 ONSEMI-UMZ1NT1 Datasheet
68Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
May, 2006 ??Rev. 5
UMZ1NT1G ONSEMI-UMZ1NT1G Datasheet
105Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
October, 2009 ??Rev. 8
HN1B01FDW1T1G ONSEMI-HN1B01FDW1T1G Datasheet
69Kb / 6P
   Complementary Dual General Purpose Amplifier Transistor
June, 2016 ??Rev. 4
UMZ1NT1G ONSEMI-UMZ1NT1G_16 Datasheet
72Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
September, 2016 ??Rev. 9
logo
Pan Jit International I...
MMDT3946 PANJIT-MMDT3946 Datasheet
216Kb / 6P
   COMPLEMENTARY NPN / PNP GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com