Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP111H151D-T1-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP111H151D-T1-FE
Description  Supply Current Typ. 80uA
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP111H151D-T1-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP111H151D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division RP111H151D-T1-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
RP111x
NO.EA-241-150204
6
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN=Set VOUT +1.0V(VOUT >1.5), VIN=2.5V(VOUT
 1.5V), IOUT=1mA, CIN=COUT=1.0μF.
The specifications surrounded by
are guaranteed by Design Engineering at
40°C  Topt  85°C.
RP111xxx1B/D
Topt
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
RLOW
Low Output Nch Tr.
ON Resistance
(of D version)
VIN
4.0V, VCE0V
60

All of units are tested and specified under load conditions such that Tj≈Topt
25C except for Output Voltage
Temperature Coefficient, Load Transient Response, Input Transient Response, Output Noise and Ripple
Rejection.
) When Input Voltage is 5.5V, the total operational time must be within 500hrs.
Dropout Voltage
Topt
25C
Output Voltage
VOUT (V)
Dropout Voltage VDIF (V)
Condition
Typ.
Max.
0.7 ≤ VOUT < 0.8
IOUT=500mA
0.58
0.88
0.8 ≤ VOUT < 0.9
0.52
0.80
0.9 ≤ VOUT < 1.0
0.45
0.70
1.0 ≤ VOUT < 1.2
0.42
0.64
1.2 ≤ VOUT < 1.4
0.35
0.53
1.4 ≤ VOUT < 1.8
0.31
0.48
1.8 ≤ VOUT < 2.1
0.27
0.41
2.1 ≤ VOUT < 2.5
0.25
0.38
2.5 ≤ VOUT < 3.0
0.23
0.34
3.0 ≤ VOUT ≤ 3.6
0.22
0.32
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - RP111H151D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP111H151D RICOH-RP111H151D Datasheet
824Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
RP111H151D RICOH-RP111H151D Datasheet
802Kb / 44P
   Good Transient Response Low Voltage 500mA LDO
More results

Similar Description - RP111H151D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com