Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1524K034B-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1524K034B-TR
Description  Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1524K034B-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1524K034B-TR Datasheet HTML 1Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 2Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 3Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 4Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 5Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 6Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 7Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 8Page - RICOH electronics devices division R1524K034B-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
R1524x
NO.EA-332-160720
4
HSOP-6J
Pin No.
Symbol
Description
1
VOUT
Output Pin
2
GND*3
Ground Pin
3
CE
Chip Enable Pin (Active-high)
4
GND*3
Ground Pin
5
GND*3
Ground Pin
6
VDD
Input Pin
*3 The GND pin must be wired together when it is mounted on board.
DFN(PLP)1820-6
Pin No.
Symbol
Description
1
CE
Chip Enable Pin (Active-high)
2
NC
No Connection
3
GND
Ground Pin
4
VDD
Input Pin
5
NC
No Connection
6
VOUT
Output Pin
*4 The tab on the bottom of the package enhances thermal performance and is electrically connected to GND (substrate
level). It is recommended that the tab be connected to the ground plane on the board, or otherwise be left open.


Similar Part No. - R1524K034B-TR

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1524K030B-TR-Y NISSHINBO-R1524K030B-TR-Y Datasheet
2Mb / 37P
   200 mA36 V Input Ultra Low Supply Current VR for Industrial Applications
More results

Similar Description - R1524K034B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1513S RICOH-R1513S Datasheet
1Mb / 23P
   Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
logo
ETAL Group
E-1072-220 ETAL-E-1072-220 Datasheet
206Kb / 4P
   Voltage rating DC 24 V (19.2...36 V)
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
logo
Vicor Corporation
V28B3V3C75B VICOR-V28B3V3C75B Datasheet
761Kb / 11P
   DC input range 9 - 36 V
V24C3V3H50BL VICOR-V24C3V3H50BL Datasheet
855Kb / 15P
   DC input range 18 - 36 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com