Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT4046A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4046A
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4046A Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HCT4046A Datasheet HTML 4Page - Texas Instruments CD74HCT4046A Datasheet HTML 5Page - Texas Instruments CD74HCT4046A Datasheet HTML 6Page - Texas Instruments CD74HCT4046A Datasheet HTML 7Page - Texas Instruments CD74HCT4046A Datasheet HTML 8Page - Texas Instruments CD74HCT4046A Datasheet HTML 9Page - Texas Instruments CD74HCT4046A Datasheet HTML 10Page - Texas Instruments CD74HCT4046A Datasheet HTML 11Page - Texas Instruments CD74HCT4046A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
Offset Voltage VCOIN
to VDEM
VOFF
VI = VVCO IN =
Values Taken Over
RS Range
See Figure 23
3-
±30
-
-
-
-
-
mV
4.5
-
±20
-
-
-
-
-
mV
6-
±10
-
-
-
-
-
mV
Dynamic Output
Resistance at
DEMOUT
RD
VDEMOUT =3
-
25
-
-
-
-
-
4.5
-
25
-
-
-
-
-
6
-
25
-
-
-
-
-
Quiescent Device
Current
ICC
Pins 3, 5 and 14
at VCC Pin 9 at
GND, I1 at Pins 3
and 14 to be
excluded
6
-
-
8
-
80
-
160
µA
HCT TYPES
VCO SECTION
INH High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
INH Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
VCOOUT High Level
Output Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
VCOOUT High Level
Output Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
VCOOUT Low Level
Output Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
VCOOUT Low Level
Output Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
C1A, C1B Low Level
Output Voltage
(Test Purposes Only)
VOL
VIH or VIL
4
4.5
-
-
0.40
-
0.47
-
0.54
V
INH VCOIN Input
Leakage Current
II
Any Voltage
Between VCC and
GND
5.5
-
±0.1
-
±1-
±1
µA
R1 Range (Note 2)
-
-
-
4.5
3
-
300
-
-
-
-
k
R2 Range (Note 2)
-
-
-
4.5
3
-
300
-
-
-
-
k
C1 Capacitance
Range
-
-
-
4.5
0
-
No
Limit
--
-
-
pF
VCOIN Operating
Voltage Range
-
Over the range
specified for R1 for
Linearity See Figure
10, and 34 - 37
(Note 3)
4.5
1.1
-
3.2
-
-
-
-
V
PHASE COMPARATOR SECTION
SIGIN, COMPIN
DC Coupled
High-Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VCC
2
VCC
2
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A


Similar Part No. - CD74HCT4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4046A TI-CD74HCT4046A Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046A TI-CD74HCT4046A Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046AE TI-CD74HCT4046AE Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046AE TI-CD74HCT4046AE Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HCT4046AEE4 TI-CD74HCT4046AEE4 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
More results

Similar Description - CD74HCT4046A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com