Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP110N101C-TR-FE Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RP110N101C-TR-FE
Description  Supply Current Typ. 1.0uA (Except the current through CE pull down circuit)
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP110N101C-TR-FE Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RP110N101C-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 10Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 11Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 12Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 13Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 14Page - RICOH electronics devices division RP110N101C-TR-FE Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
RP110x
NO.EA-239-140522
11
Package Dimensions (DFN (PLP) 0808-4)
Mark Specification (DFN (PLP) 0808-4)
:
Product Code … Refer to “RP110K Series Mark Specification Table”.
:
Lot Number
… Alphanumeric Serial Number
B
INDEX
0.80
A
0.05
X4
S
0.05 S
3
4
1
2
0.25
±0.05
0.48
0.22
±0.05
0.05 M S AB
0.25
±0.05
45
°
C0.16
*
(Unit : mm)
Bottom View
*) Tab is GND level. (They are connected to the
reverse side of this IC.)
The tab is better to be connected to the GND,
but leaving it open is also acceptable.


Similar Part No. - RP110N101C-TR-FE

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1104 MURATA-RP1104 Datasheet
132Kb / 2P
   824.25 MHz SAW Resonator
RP1104 MURATA-RP1104_15 Datasheet
253Kb / 2P
   640.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RP1105 RFM-RP1105 Datasheet
93Kb / 2P
   640.0 MHz SAW Resonator
More results

Similar Description - RP110N101C-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW RICOH-RD5RW Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RP201 RICOH-RP201 Datasheet
824Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT<1.85V)
RP200 RICOH-RP200 Datasheet
547Kb / 26P
   Supply Current (Low power Mode) Typ. 1.0uA (VOUT < 1.85V)
RN5RT RICOH-RN5RT_17 Datasheet
537Kb / 15P
   Supply Current Typ. 4關A (except ICEL)
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com