Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP105N131D-TR-FE Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RP105N131D-TR-FE
Description  Supply Current Typ. 28 uA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP105N131D-TR-FE Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RP105N131D-TR-FE Datasheet HTML 2Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 3Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 4Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 5Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 6Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 7Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 8Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 9Page - RICOH electronics devices division RP105N131D-TR-FE Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
NO.EA-179-160420
6
*
RP105Q (SC-88A) is the discontinued product as of June, 2016.
ELECTRICAL CHARACTERISTICS
VBIAS = VCE = 3.6 V, VIN = Set VOUT + 0.5 V, IOUT = 1 mA, CBIAS = CIN = 1.0 µF, COUT = 2.2 µF, unless otherwise noted.
The specifications surrounded by
are guaranteed by design engineering at
−40°C ≤ Ta ≤ 85°C.
RP105x
(Ta = 25°C)
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
Ta = 25°C
Set VOUT
15 mV
Set VOUT
+ 15 mV
V
−40°C ≤ Ta ≤ 85°C
Set VOUT
20 mV
Set VOUT
+ 20 mV
V
IOUT
Output Current
400
mA
VOUT
/∆IOUT
Load Regulation
(K, Q, N package)
1 mA ≤ IOUT ≤ 400 mA
30
50
mV
Load Regulation
(L package)
1 mA ≤ IOUT ≤ 400 mA
15
35
mV
VDIF
Dropout Voltage
Refer to PRODUCT-SPECIFIC ELECTRICAL CHARACTERISTICS
ISS
Supply Current
IOUT = 0 mA
28
40
µ
A
Istandby Standby Current
VCE = 0 V
0.1
3.0
µ
A
VOUT
/∆VIN
Line Regulation
2.4 V ≤ VBIAS ≤ 5.0 V
0.02
0.1
%/V
Set VOUT + 0.3 V ≤ VIN ≤ 2.4 V
0.02
0.1
RR
Ripple Rejection
IOUT = 30 mA, f = 1 kHz
VIN Ripple 0.2 Vp-p
80
dB
IOUT = 30 mA, f = 1 kHz
VBIAS Ripple 0.2 Vp-p
50
VBIAS
Input Voltage(1)
VOUT < 0.8 V
2.4
5.25
V
VOUT ≥ 0.8 V
Set VOUT
+ 1.6
5.25
VIN
Input Voltage
(for Driver)(1)
RP105xxxxB/D
VOUT < 0.8 V
0.9
VBIAS
V
VOUT ≥ 0.8 V
Set VOUT
+ 0.1
VBIAS
RP105xxxxE/F
0.9
VBIAS
VOUT
/∆Ta
Output Voltage
Temperature Coefficient −40°C ≤ Ta ≤ 85°C
±50
ppm
/°C
ISC
Short Current Limit
VOUT = 0 V
120
mA
ICEPD
CE Pull-down Current
1.0
µ
A
All test items listed under Electrical Characteristics are done under the pulse load condition (Tj ≈ Ta = 25°C) except
Output Noise, Ripple Rejection and Output Voltage Temperature Coefficient.
(1) The maximum Input Voltage listed under Electrical Characteristics is 5.25 V. If for any reason the input voltage
exceeds 5.25 V, it has to be no more than 5.5 V with 500 hours of the total operating time.


Similar Part No. - RP105N131D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
   310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
   310.0 MHz SAW Resonator
More results

Similar Description - RP105N131D-TR-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com