Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER400TRS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ER400TRS
Description  LPRS Prelimina ry Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ER400TRS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ER400TRS Datasheet HTML 1Page - List of Unclassifed Manufacturers ER400TRS Datasheet HTML 2Page - List of Unclassifed Manufacturers ER400TRS Datasheet HTML 3Page - List of Unclassifed Manufacturers ER400TRS Datasheet HTML 4Page - List of Unclassifed Manufacturers ER400TRS Datasheet HTML 5Page - List of Unclassifed Manufacturers ER400TRS Datasheet HTML 6Page - List of Unclassifed Manufacturers ER400TRS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LPRS Prelimina ry Data Sheet
Easy -Radio ER400TRS Transceiver
Easy-Radio ER400TS-RS 1.3
Copyright LPRS 2002. Iss. 1-3 September 2003
Page 7 of 7
Product Order Codes
Name
Description
Order Code
Easy-Radio 400 Transceiver
UK/European Transceiver Module on 433 MHz
ER400TRS
(Single-In-Line)
Please contact the sales office for availability and other variants of the standard product. The software
interface can be customised to specific requirements for high volume applications.
Document History
Issue
Date
Revision
1-0
October 2002
Preliminary
1-1
October 2002
Additions to specifications
1-2
March 2003
Amendments to specification, sensitivity & power consumption
1-3
Sept 2003
Amendments to minimum supply volts
Copyright
The information contained in this data sheet is the property of Low Power Radio Solutions Ltd and copyright
is vested in them with all rights reserved. Under copyright law this documentation may not be copied,
photocopied, reproduced, translated or reduced to any electronic medium or machine readable form in whole
or in part without the written consent of Low Power Radio Solutions Ltd.
The circuitry and design of the modules are also protected by copyright law.
Disclaimer
Low Power Radio Solutions Ltd has an on going policy to improve the performance and reliability of their
products; we therefore reserve the right to make changes without notice. The information contained in this
data sheet is believed to be accurate however we do not assume any responsibility for errors or any liability
arising from the application or use of any product or circuit described herein. This data sheet neither states
nor implies warranty of any kind, including fitness for any particular application.
For further information or technical
assistance please contact:
Low Power Radio Solutions
Ltd
Two Rivers Industrial Estate
Station Lane
Tel:
+44 (0)1993 709418
Witney
Fax:
+44 (0)1993 708575
Oxon
Web:
www.lprs.co.uk
OX28 4BH
Email:
info@lprs.co.uk
England
End of Data Sheet


Similar Part No. - ER400TRS

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
ER400 DAESAN-ER400 Datasheet
134Kb / 1P
   CURRENT 0.5 Amperes VOLTAGE 20 TO 40 VOLTS
logo
Vishay Siliconix
ER400-303 VISHAY-ER400-303 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER400-503 VISHAY-ER400-503 Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ER400-503X VISHAY-ER400-503X Datasheet
397Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - ER400TRS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RYII MACOM-RYII Datasheet
279Kb / 4P
   Miniature Power PCB RY II & RY II reflow-solderable
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
IDEC Corporation
RY42S-UDC24V IDEC-RY42S-UDC24V Datasheet
2Mb / 11P
   RY/RM Series Miniature Relays
logo
Tyco Electronics
RY210005 MACOM-RY210005_05 Datasheet
177Kb / 3P
   Miniature Power PCB Relay RY II
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com