Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP105L061F-TR Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # RP105L061F-TR
Description  Supply Current Typ. 28 uA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP105L061F-TR Datasheet(HTML) 1 Page - RICOH electronics devices division

  RP105L061F-TR Datasheet HTML 1Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 2Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 3Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 4Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 5Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 6Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 7Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 8Page - RICOH electronics devices division RP105L061F-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
RP105x Series
Low Voltage 400 mA LDO Regulator
NO.EA-179-160420
1
*
RP105Q (SC-88A) is the discontinued product as of June, 2016.
OUTLINE
The RP105x is a 400 mA output type CMOS-based voltage regulator with capability of low input voltage
(Min. 0.9 V) and low output voltage (Min. 0.6 V). This device is remarkably improved the performance at low
input voltage compared with conventional low voltage LDOs, and two power supply voltage type. (Another
power source, VBIAS pin voltage must be Min. 2.4 V). The device consists of a voltage reference unit, an error
amplifier, resistor-net for voltage setting, a current limit circuit to avoid the destruction, a UVLO circuit with
monitoring input voltage, and so on.
The RP105x has the ultra-low on resistance output driver, the on resistance is Typ. 0.4 Ω (VOUT = 0.8 V, IOUT
= 300 mA). The built-in driver is Nch MOSFET, thus the load transient response is excellent, (under the
condition of the current between 1 mA and 400 mA, tr = 0.5 µs, the undershoot level is approximately 50 mV).
The output voltage of this device is fixed with high accuracy. Since the packages for the device are
DFN(PLP)1212-6, DFN1212-5, SOT-23-5 and SC-88A therefore high density mounting of the IC on boards is
possible.
FEATURES
Supply Current .........................................................Typ. 28 µA
Standby Current.......................................................Typ. 0.1 µA
Ripple Rejection.......................................................Typ. 80 dB (f = 1 kHz, VIN Ripple)
··········································································· .Typ. 50 dB (f = 1 kHz, VBIAS Ripple)
Output Voltage Range..............................................0.6 V to 1.5 V (0.1 V step)
Contact Ricoh sales representatives for other voltages.
Input Voltage Range (VBIAS) .....................................2.4 V to 5.25 V (VOUT < 0.8 V)
······································································Set VOUT + 1.6 V to 5.25 V (VOUT ≥ 0.8 V)
Input Voltage Range (VIN) ........................................RP105xxxxB/D: 0.9 V to VBIAS (VOUT < 0.8 V)
Set VOUT + 0.1 V to VBIAS (VOUT ≥ 0.8 V)
RP105xxxxE/F: 0.9 V to VBIAS
Output Voltage Accuracy..........................................Typ. ±15 mV (Ta = 25°C)
Temperature-Drift Coefficient of Output Voltage ......Typ. ±50 ppm/°C
Dropout Voltage .......................................................DFN1212-5: Typ. 105 mV
(IOUT = 400 mA, VOUT = 1.5 V, VBIAS = 3.6 V)
Line Regulation ........................................................Typ. 0.02%/V
Packages .................................................................DFN(PLP)1212-6, SC-88A, SOT-23-5, DFN1212-5
Built-in Fold Back Protection Circuit ........................Typ. 120 mA (Current at short mode)
Ceramic capacitors are recommended....................CBIAS = CIN = 1.0 µF or more, COUT = 2.2 µF or more
APPLICATIONS
Power source for battery-powered equipment.
Power source for electrical appliances such as cameras, VCRs and camcorders.
Power source for portable communication equipment.


Similar Part No. - RP105L061F-TR

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RP1053-2 RFM-RP1053-2 Datasheet
93Kb / 2P
   310.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RP1053-2 MURATA-RP1053-2 Datasheet
153Kb / 2P
   310.0 MHz SAW Resonator
More results

Similar Description - RP105L061F-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
   Supply Current Typ. 40 uA x 2
RP153 RICOH-RP153 Datasheet
946Kb / 23P
   Supply Current RP153LxxxA/ B: Typ. 40 uA x 2
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com