Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56AAD-C28-B15 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 56AAD-C28-B15
Description  Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

56AAD-C28-B15 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  56AAD-C28-B15 Datasheet HTML 1Page - Bourns Electronic Solutions 56AAD-C28-B15 Datasheet HTML 2Page - Bourns Electronic Solutions 56AAD-C28-B15 Datasheet HTML 3Page - Bourns Electronic Solutions 56AAD-C28-B15 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPT.
3/8-32UNEF-2A
9.53
(.375)
1.60 ± 0.25
(.063 ± .010)
OPT.
1.194 ± 0.10
(.047 ± .004)
SHAFT
6.35
(.250)
BUSHING
9.53
(.375)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
56 - Sealed 1/2 ” (12.5 mm) Panel Control w/Rotary Switch
STD. LENGTH ‘L’
.750
(19.05)
.875
(22.23)
A Style Bushing
C Style Bushing
A Style Bushing -
Flatted Shaft
DIMENSIONS:
MM
(INCHES)
How To Order
0
8/11
56
A
A
D
-
C
28
-
B
15
/
R81
L
MODEL
Code
56
Description
PC Terminals w/Rotary
Switch
BUSHING DESIGNATOR
Code
A
C
Description
3/8 ” D x 3/8 ” L Threaded
1/4 ” D x 1/4 ” L Threaded
SWITCH OPTION
Code
R80
R81
Description
SPDT CW
SPDT CCW
SHAFT LENGTH DESIGNATOR
Code
24
28
Description
3/4 “ FMS Long
7/8 ” FMS Long
RESISTANCE CODES
Code
10
13
15
18
20
22
23
Value in Ohms
1K
5K
10K
50K
100K
250K
500K
ELEMENT TAPER
TYPE/TOLERANCE
Code
B
E
D
S
Description
Linear CP ±20 %
Linear CP ±10 %
CW Audio CP ±20 %
CW Audio CP ±10 %
ANTI-ROTATION LUG /
BRACKET OPTION
Code
A
D
L
N
Description
AR Lug 90 °CW
No AR Lug or Bracket
Front Bracket
Front and Rear Bracket
NO. OF SECTIONS
Code
A
Description
Single plus Switch
RoHS IDENTIFIER
Description
Compliant
Code
L
Boldface features are Bourns
standard options. All others are
available with higher minimum
order quantities.
AVAILABLE ONLY WITH
SHAFT STYLE
BUSHING
Code
Description
Code
B
1/4 ” D Slotted End
A
C
1/4 ” D Flatted End
A
E
1/8 ” D Slotted End
C
Shaft/Bushing Styles
1/4-32UNEF-2A
OPT.
6.35
(.250)
0.79 ± 0.25
(.031 ± .010)
OPT.
0.79 ± 0.10
(.031 ± .004)
SHAFT
3.18
(.125)
BUSHING
6.35
(.250)
3/8-32UNEF-2A
OPT.
9.53
(.375)
1.52 ± 0.25
(.060 ± .010)
OPT.
5.49 ± 0.10
(.216 ± .005)
SHAFT
6.35
(.250)
BUSHING
9.53
(.375)
MAX. FLAT LENGTH
15.88
(.625)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
STD. LENGTH ‘L’
.750
(19.05)
.875
(22.23)
STD. LENGTH ‘L’
.750
(19.05)
.875
(22.23)


Similar Part No. - 56AAD-C28-B15

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
56A30S-01-1-10N-F GRAYHILL-56A30S-01-1-10N-F Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
56A30S-01-1-10S-F GRAYHILL-56A30S-01-1-10S-F Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
56A36-01-1-10N-F GRAYHILL-56A36-01-1-10N-F Datasheet
72Kb / 4P
   Single Deck Rotary Switches
56A36S-01-1-10N-F GRAYHILL-56A36S-01-1-10N-F Datasheet
1Mb / 4P
   Requires Minimum Distance Behind the Panel
More results

Similar Description - 56AAD-C28-B15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
51AAD-B28-A15L BOURNS-51AAD-B28-A15L Datasheet
273Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
   17 mm Rotary Potentiometer w/Rotary Switch
PTH90 BOURNS-PTH90 Datasheet
345Kb / 2P
   PTH90 Series Dual Concentric Shaft Panel Control w/Rotary Switch
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
7829 BOURNS-7829 Datasheet
422Kb / 1P
   6 mm Through-hole Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
   SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
   SMD 3 mm Square Sealed Rotary Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com