Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85A2A-B28-A15 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 85A2A-B28-A15
Description  Square Single-Turn Panel Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

85A2A-B28-A15 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  85A2A-B28-A15 Datasheet HTML 1Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 2Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 3Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 4Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 5Page - Bourns Electronic Solutions 85A2A-B28-A15 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
81/82 - 5/8 ” Square Single-Turn Panel Control
Product Dimensions
Dual Unit - PC Pins & J-Hook
Triple Unit - PC Pins & J-Hook
Quad Unit - PC Pins & J-Hook
FLATTED SHAFT
120
° ± 5 ° CCW END
Shaft Flat Orientation*
SLOTTED SHAFT
1 23
30
° ±5 °
*EXCLUDES MODELS 83 AND 84
Model 81
Suggested PC Board Layout - PC Pins
(Single-Shaft Style Bottom View)
Note: For units with dual concentric shaft styles, a
2.54 (.100) spacer is added between the module(s) driven
by the outer shaft and those driven by the inner shaft.
For G, K, or V shafts, add the spacer between
modules 1 and 2. For L or M shafts, add the spacer
between modules 2 and 3. For N or P shafts, add the
spacer between modules 3 and 4.
Model 81/82
Single Unit - PC Pins & J-Hook
Terminal outlines shown as solid lines represent PC Pins, available
on Model 81. Dashed line terminal outline represents "J" Hook,
available on Model 82.
1
3
2
26.04
± .79
(1.025
± .031)
10.16
± .38
(.400
± .015)
10.16
± .38
(.400
± .015)
TYP.
10.16
± .38
(.400
± .015)
TYP.
36.20
± 1.19
(1.425
± .047)
46.36
± 1.19
(1.825
± .047)
15.88
± .41
(.625
± .016)
5.97
± .38
(.235
± .015)
5.08
± .38
(.200
± .015)
15.88
± .38
(.625
± .015)
11.94
(.470)
9.58
± .38
(.377
± .015)
15.88
± .38
(.625
± .015)
5.33
± .76
(.210
± .03)
3.81
(.150)
MAX. 3 PLCS.
.81
(.032)
DIA.
5.08
± .38
(.200
± .015)
12.7
(.50)
1.14
(.045)
DIA.
5.08
± .13
(.200
± .005)
10.16
± .13
(.400
± .005)
5.08
± .13
(.200
± .005)
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 85A2A-B28-A15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
85A2 PHILIPS-85A2 Datasheet
188Kb / 9P
   VOLTAGE REFERENCE TUBE
7.7.1957
More results

Similar Description - 85A2A-B28-A15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
3862 BOURNS-3862 Datasheet
215Kb / 3P
   1/2 Diameter Single-Turn Panel Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com