Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDB302 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # UDB302
Description  SINGLE PHAS E 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UDB302 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  UDB302 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UDB302 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. UDB302 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UDB305-UDB307
UDB304
UDB301-UDB303
UDB 07
UDB 01
80
40
3.0
2.0
1.0
version:02
2 of 3
Pulse Width =8.3ms
0
1.0
10
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25 C
Single Half Sine-Wave
(JEDEC Method)
A
°
0
0
40
80
120
160
Fig. 1 Output Current Derating Curve
THRU
3
3
1000
100
10
1
0.1
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
T = 25 C
°
T = 125 C
°
J
J
0.9
9
0.3
0.6
0.01
0.1
1.0
10
1.5
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
1.2
2.1
www.dyelec.com
.4 T
T , CASE TEMPERATURE ( C)
C
°


Similar Part No. - UDB302

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UDB302 DYELEC-UDB302 Datasheet
996Kb / 2P
   SINGLE PHAS E 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Lapp.
UDB302401 LAPP-UDB302401 Datasheet
102Kb / 2P
   UNITRONIC® 300 STP
May 15, 2019
UDB302402 LAPP-UDB302402 Datasheet
102Kb / 2P
   UNITRONIC® 300 S
May 15, 2019
logo
DIYI Electronic Technol...
UDB302S DYELEC-UDB302S Datasheet
929Kb / 2P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB302S DYELEC-UDB302S Datasheet
2Mb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UDB302

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RDB301 DYELEC-RDB301_17 Datasheet
2Mb / 3P
   SINGLE PHAS E 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB151 DYELEC-EDB151 Datasheet
2Mb / 2P
   SINGLE PHAS E 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB301 DYELEC-EDB301 Datasheet
2Mb / 2P
   SINGLE PHAS E 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB301 DYELEC-UDB301 Datasheet
996Kb / 2P
   SINGLE PHAS E 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151 DYELEC-UDB151 Datasheet
1,002Kb / 2P
   SINGLE PHAS E 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB301S DYELEC-UDB301S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB301S DYELEC-RDB301S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
ABS2U SECOS-ABS2U Datasheet
174Kb / 2P
   1 Amp Single Phase Surface Mount Glass Passivated Bridge Rectifier
logo
DIYI Electronic Technol...
UDB301S DYELEC-UDB301S Datasheet
929Kb / 2P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB301 DYELEC-DB301_16 Datasheet
2Mb / 3P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com