Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG6KB05 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UG6KB05
Description  SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG6KB05 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UG6KB05 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG6KB05 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. UG6KB05 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
//htmlimg2.alldatasheet.net/htmldatasheet2/899330/DYELEC/UG6KB05/216/1/UG6KB05.png


Similar Part No. - UG6KB05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
logo
WILLAS ELECTRONIC CORP
UG6KB05 WILLAS-UG6KB05 Datasheet
394Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UG6KB05 JUXING-UG6KB05 Datasheet
781Kb / 2P
   BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UG6KB05 CHENDA-UG6KB05 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG6KB05 DYELEC-UG6KB05 Datasheet
411Kb / 2P
   SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UG6KB05

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UG6KB05 DYELEC-UG6KB05 Datasheet
411Kb / 2P
   SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG6KB05A DYELEC-UG6KB05A Datasheet
438Kb / 2P
   SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG6KB05A DYELEC-UG6KB05A_17 Datasheet
1,023Kb / 3P
   SINGLE PHASE 6.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
HBS602 SMCDIODE-HBS602 Datasheet
562Kb / 5P
   Glass Passivated Single-Phase 6.0Amp Surface Mount Bridge Rectifier
logo
SeCoS Halbleitertechnol...
GBU6005 SECOS-GBU6005_15 Datasheet
278Kb / 2P
   6.0Amp Glass Passivated Bridge Rectifiers
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com