Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMB2M Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UMB2M
Description  SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UMB2M Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UMB2M Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UMB2M Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. UMB2M Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RR
1.3
UMB1M
UMB1
Maximum reverse recovery time
60
Polarity:As Marked on Case
Mechanical Data
Case:Reliable low cost construction
utilizing molded plastic technique
Terminals:Plated Leads Solderable per MIL-
STD-202,Method208
·
· Mounting Position:Any
· Marking:Type Number
· Ideal for printed circuit board
· Surge overload rating-30A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-0
·
·
Features
· Glass Passivated Die Construction
· Low leakage
M THRU UMB10M
SINGLE PHASE 0.8AMP
ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics
SYMBOL
VRRM
VRWM
VDC
VRMS
VFM
CJ
RθJA
RθJL
TJ,TSTG
0.5
0.8
4. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Average Rectified Output Current (Note 1)@TC=100℃
(Note 2)@TC=100℃
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm
2 solder pad.
uA
Typical Junction Capacitance per leg (Note 4)
13
pF
Typical Thermal Resistance per leg
16
℃/W
IR
5.0
200
A
Forward Voltage per element
@IF=0.8A
V
IFSM
30
UNITS
V
V
IF(AV)
A
1000
TYPE NUMBER
ns
75
50
1.0
1.7
T
Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3.
Note 3)
100
UMB2M
200
UMB4M UMB6M UMB8M UMB10M
400
600
800
70
140
280
420
560
700
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
3.735
1 of 3
version:02
www.dyelec.com
dimensions in inches and (millimeters)
0.028
0.016
0.7
0.4
MBM
0.236 6.0
0.213 5.4
0.004
0.012
0.30
0.10
0.134
0.157
3.4
4.0
0.179
0.203
4.55
5.15
0.193
4.90
0.051(1.3)
0.035(0.9)
0.106(2.7)
0.091(2.3)
0.106(2.7)
0.091(2.3)
0.177(4.50)
+
-
~
~


Similar Part No. - UMB2M

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UMB2MU DYELEC-UMB2MU Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UMB2M

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UABS2 DYELEC-UABS2_17 Datasheet
2Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1F DYELEC-UMB1F Datasheet
2Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1M DYELEC-UMB1M Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1S DYELEC-UMB1S Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS2 DYELEC-UABS2 Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1S DYELEC-UMB1S_17 Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S_17 Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABS2 DYELEC-RABS2_17 Datasheet
2Mb / 3P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com