Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMB1MU Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UMB1MU
Description  SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UMB1MU Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UMB1MU Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UMB1MU Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. UMB1MU Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMB10MU
UMB8MU
UMB6MU
UMB4MU
UMB2MU
UMB1MU
UMB1MU THRU UMB10MU
ypical Thermal Resistance per leg
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Forward Voltage per element
@IF=1.0A
1
.0
1.3
Maximum reverse recovery time
(Note 2)
60
Polarity:As Marked on Case
Mechanical Data
Case:Reliable low cost construction
utilizing molded plastic technique
Terminals:Plated Leads Solderable per MIL-
STD-202,Method208
·
· Mounting Position:Any
· Marking:Type Number
· Ideal for printed circuit board
· Surge overload rating-35A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-0
·
·
Features
· Glass Passivated Die Construction
· Low leakage
SINGLE PHASE
1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics
SYMBOL
VRRM
VRWM
VDC
VRMS
VFM
CJ
RθJA
RθJL
TJ,TSTG
Average Rectified Output Current (Note 1)@TC=100℃
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
uA
Typical Junction Capacitance per leg (Note 3)
13
pF
T
16
℃/W
IR
5.0
200
A
V
IFSM
3
5
UNITS
V
V
IF(AV)
A
1000
100
TYPE NUMBER
ns
75
50
1.0
1.7
RR
T
Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
2.
200
400
600
800
70
140
280
420
560
700
A
t
I2t Rating for Fusing (t < 8.3ms)
2
2s
I
5.084
1 of 3
version:02
www.dyelec.com
dimensions in inches and (millimeters)
0.028
0.016
0.7
0.4
MBM
0.236 6.0
0.213 5.4
0.004
0.012
0.30
0.10
0.134
0.157
3.4
4.0
0.179
0.203
4.55
5.15
0.193
4.90
0.051(1.3)
0.035(0.9)
0.106(2.7)
0.091(2.3)
0.106(2.7)
0.091(2.3)
0.177(4.50)
+
-
~
~


Similar Part No. - UMB1MU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UMB1MU DYELEC-UMB1MU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UMB1MU

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UMB1SU DYELEC-UMB1SU_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1SU DYELEC-UMB1SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1FU DYELEC-UMB1FU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1FU DYELEC-UMB1FU_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1MU DYELEC-UMB1MU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1MU DYELEC-RMB1MU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1SU DYELEC-RMB1SU_17 Datasheet
1Mb / 3P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABF2U DYELEC-RABF2U_17 Datasheet
4Mb / 3P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1FU DYELEC-RMB1FU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1SU DYELEC-RMB1SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com