Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG901-EP Datasheet(PDF) 8 Page - Analog Devices

Part # ADG901-EP
Description  Low power consumption
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG901-EP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG901-EP Datasheet HTML 3Page - Analog Devices ADG901-EP Datasheet HTML 4Page - Analog Devices ADG901-EP Datasheet HTML 5Page - Analog Devices ADG901-EP Datasheet HTML 6Page - Analog Devices ADG901-EP Datasheet HTML 7Page - Analog Devices ADG901-EP Datasheet HTML 8Page - Analog Devices ADG901-EP Datasheet HTML 9Page - Analog Devices ADG901-EP Datasheet HTML 10Page - Analog Devices ADG901-EP Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ADG901-EP
Enhanced Product
Rev. A | Page 8 of 11
0
–35
–30
–20
–10
–25
–15
–5
10k
100k
100M
1M
10M
1G
10G
FREQUENCY (Hz)
TA = 25°C
VDD = 2.5V
ON SWITCH
OFF SWITCH
Figure 11. Return Loss vs. Frequency (S11)
CH1 = CTRL = 1V/DIV
CH2 = RFx = 100mV/DIV
tRISE = 2.8ns
tFALL = 5.1ns
CH2
CH1
Figure 12. Switch Timing
CH1 500mV
CH2 1mV
10.0ns
1
2
CTRL
RFx
CH2 pk-pk
2.016mV
Figure 13. Video Feedthrough
40
0
5
10
15
20
25
30
35
250
350
450
550
650
750
850
FREQUENCY (MHz)
VDD = 2.5V
TA = 25°C
Figure 14. IP3 vs. Frequency
20
0
2
4
6
8
10
12
14
16
18
0
250
500
750
1000
1250
1500
FREQUENCY (MHz)
VDD = 2.5V
TA = 25°C
Figure 15. P1dB vs. Frequency (DC Bias Not Used)


Similar Part No. - ADG901-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BCP-500RL7 AD-ADG901BCP-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BCP-500RL7 AD-ADG901BCP-500RL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
ADG901BCP-REEL7 AD-ADG901BCP-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG901BCP-REEL7 AD-ADG901BCP-REEL7 Datasheet
737Kb / 16P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. B
More results

Similar Description - ADG901-EP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com