Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC245AQS16E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC245AQS16E
Description  Wireless Local Loop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC245AQS16E Datasheet(HTML) 1 Page - Analog Devices

  HMC245AQS16E Datasheet HTML 1Page - Analog Devices HMC245AQS16E Datasheet HTML 2Page - Analog Devices HMC245AQS16E Datasheet HTML 3Page - Analog Devices HMC245AQS16E Datasheet HTML 4Page - Analog Devices HMC245AQS16E Datasheet HTML 5Page - Analog Devices HMC245AQS16E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC245AQS16 / 245AQS16E
v00.1213
GaAs MMIC SP3T Non-REFLECTIVE
SWITCH, DC - 3.5 GHz
General Description
Features
Functional Diagram
The HMC245AQS16 & HMC245AQS16E are low cost
non-reflective SP3T switches in 16-lead QSOP sur-
face mount packages. Covering DC to 3.5 GHz, the
switch offers 30 to 40 dB isolation and a low inser-
tion loss of 0.7 dB.
A 2:3 TTL/CMOS compatible
decoder is integrated on the switch requiring only 2
control lines and a single +5V bias to select each path,
replacing 6 control lines normally required by GaAs
SP3T switches.
Low Insertion Loss: 0.7 dB @ 2.0 GHz
Non-Reflective Design
Integrated 2:3 TTL Decoder
“All Off” Isolation State
Single Positive Supply: Vdd = +5V
16 Lead QSOP SMT Package
Electrical Specifications,
T
A = +25° C, For TTL Control and Vdd= +5V in a 50 Ohm System
Typical Applications
The HMC245AQS16 / 245AQS16E is ideal for:
• Basestation Infrastructure
• CATV / DBS
• Wireless Local Loop
• Test Equipment
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 2.0 GHz
DC - 3.0 GHz
DC - 3.5 GHz
0.7
0.8
1.1
1.0
1.3
1.5
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.5 GHz
40
35
31
26
46
42
40
32
dB
dB
dB
dB
Return Loss
“On State”
DC - 1.5 GHz
DC - 3.5 GHz
23
17
dB
dB
Return Loss RF1 - 3
“Off State”
0.3 - 3.5 GHz
0.5 - 3.5 GHz
12
15
dB
dB
Input Power for 1 dB Compression
0.3 - 2.5 GHz
0.3 - 3.5 GHz
26
25
29
28
dBm
Input Third Order Intercept
(Two-tone Input Power = +10 dBm each tone)
0.3 - 2.5 GHz
0.3 - 3.5 GHz
44
40
48
44
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.3 - 3.5 GHz
40
150
ns
ns
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC245AQS16E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC245AQS16E HITTITE-HMC245AQS16E Datasheet
685Kb / 8P
   GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
More results

Similar Description - HMC245AQS16E

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
   Wireless Local Loop
logo
Analog Devices
HMC204MS8G AD-HMC204MS8G Datasheet
216Kb / 4P
   Wireless Local Loop
logo
API Technologies Corp
CMD207 APITECH-CMD207 Datasheet
115Kb / 1P
   Wireless Local Loop Duplexer
CMD100 APITECH-CMD100 Datasheet
116Kb / 1P
   Wireless Local Loop Duplexer
CMD222 APITECH-CMD222 Datasheet
109Kb / 1P
   Wireless Local Loop Duplexer
CMD134 APITECH-CMD134 Datasheet
112Kb / 1P
   2.4 Wireless Local Loop Duplexer
CMD127 APITECH-CMD127 Datasheet
115Kb / 1P
   2.4 Wireless Local Loop Duplexer
CMD135 APITECH-CMD135 Datasheet
116Kb / 1P
   5.3 Wireless Local Loop Duplexer
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G Datasheet
393Kb / 6P
   Wireless Local Loop Driver Amplifier
logo
Mitsubishi Electric Sem...
MF1049-2 MITSUBISHI-MF1049-2 Datasheet
98Kb / 1P
   FOR WIRELESS LOCAL LOOP, Tx
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com