Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC253AQS24E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC253AQS24E
Description  24 Lead QSOP Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC253AQS24E Datasheet(HTML) 1 Page - Analog Devices

  HMC253AQS24E Datasheet HTML 1Page - Analog Devices HMC253AQS24E Datasheet HTML 2Page - Analog Devices HMC253AQS24E Datasheet HTML 3Page - Analog Devices HMC253AQS24E Datasheet HTML 4Page - Analog Devices HMC253AQS24E Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
HMC253AQS24 / 253AQS24E
v01.1015
Gaas MMIC sP8T NON-REFLECTIVE
sWITCH, DC - 2.5 GHz
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
General Description
Features
Functional Diagram
Low Insertion Loss (2 GHz): 1.1dB
Single Positive Supply: Vdd = +5V
Integrated 3:8 TTL Decoder
24 Lead QSOP Package
Electrical specifications,
T
a = +25° C, For TTL Control and Vdd = +5V in a 50 Ohm system
Typical applications
The HMC253AQS24 / HMC253AQS24E is ideal for
DC - 2.5 GHz applications:
• CATV/DBS
• CDMA
• Cellular/PCS
The HMC253AQS24 & HMC253AQS24E are low-
cost non-reflective SP8T switches in 24-lead QSOP
packages featuring wideband operation from DC to 2.5
GHz. The switch offers a single positive bias and true
TTL/CMOS compatibility. A 3:8 decoder is integrated
on the switch requiring only 3 control lines and a
positive bias to select each path. The HMC253AQS24
& HMC253AQS24E SP8T will replace multiple
configurations of SP4T and SPDT MMIC switches.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
1.0
1.1
1.4
1.5
1.7
2.1
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
35
30
28
40
35
33
dB
dB
dB
Return Loss
“On State”
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
21
20
16
dB
dB
dB
Return Loss (RF1-8)
“Off State”
0.3 - 2.5 GHz
0.5 - 2.5 GHz
8
13
dB
dB
Input Power for 1 dB Compression
0.3 - 2.5 GHz
20
23
dBm
Input Third Order Intercept
(Two-Tone Input Power = +10 dBm Each Tone)
0.3 - 2.5 GHz
41
46
dBm
Switching Characteristics
0.3 - 2.5 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
20
90
ns
ns
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC253AQS24E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC253LC4 HITTITE-HMC253LC4 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253LC4 HITTITE-HMC253LC4_09 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
182Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
More results

Similar Description - HMC253AQS24E

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
R-2R TTELEC-R-2R Datasheet
456Kb / 2P
   QSOP Package - Small Footprint
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
   16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
logo
Maxim Integrated Produc...
21-0055 MAXIM-21-0055 Datasheet
36Kb / 1P
   PACKAGE OULINE QSOP.150, 025 LEAT PITCH
Rev K
logo
Elantec Semiconductor
MDP0040 ELANTEC-MDP0040 Datasheet
149Kb / 1P
   PACKAGE OUTLINE DRAWING QSOP - 0.150 NARROW BODY PACKAGE
logo
ACCUTEK MICROCIRCUIT CO...
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
logo
Maxim Integrated Produc...
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ_15 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
MAMF-011024 MA-COM-MAMF-011024 Datasheet
834Kb / 8P
   Lead-Free 4 mm 24-lead PQFN Package
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
   24-LEAD SHRINK SMALL OUTLINE PACKAGE
logo
Maxim Integrated Produc...
90-0167 MAXIM-90-0167 Datasheet
25Kb / 1P
   PACKAGE LAND PATTERN, (E16) 0.150 QSOP, 16 LEADS
Rev A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com