Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC561 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC561
Description  Test Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC561 Datasheet(HTML) 1 Page - Analog Devices

  HMC561 Datasheet HTML 1Page - Analog Devices HMC561 Datasheet HTML 2Page - Analog Devices HMC561 Datasheet HTML 3Page - Analog Devices HMC561 Datasheet HTML 4Page - Analog Devices HMC561 Datasheet HTML 5Page - Analog Devices HMC561 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Analog Devices, Inc., 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC561
v04.0714
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 8 - 21 GHz OUTPUT
Functional Diagram
Features
Typical Applications
General Description
Electrical Specifications, T
A = +25°C, Vdd1 = Vdd2 = +5V, 5 dBm Drive Level
[1]
The HMC561 is suitable for:
• Clock Generation Applications:
SONET OC-192 & SDH STM-64
• Point-to-Point & VSAT Radios
• Test Instrumentation
• Military & Space
The HMC561 is a x2 active broadband frequency
multiplier chip utilizing GaAs PHEMT technology.
When driven by a +5 dBm signal, the multiplier pro-
vides +17 dBm typical output power from 8 to 21 GHz
and the Fo and 3Fo isolations are 15 dBc at 16 GHz.
The HMC561 is ideal for use in LO multiplier chains
for Pt to Pt & VSAT Radios yielding reduced parts
count vs. traditional approaches. The low additive
SSB Phase Noise of -139 dBc/Hz at 100 kHz offset
helps maintain good system noise performance.
High Output Power: +17 dBm
Low Input Power Drive: 0 to +6 dBm
Fo Isolation: 15 dBc @ Fout= 16 GHz
100 KHz SSB Phase Noise: -139 dBc/Hz
Die Size: 1.6 x 0.9 x 0.1 mm
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
4 - 10.5
GHz
Frequency Range, Output
8 - 21
GHz
Output Power
14
17
dBm
Fo Isolation (with respect to output level)
15
dBc
3Fo Isolation (with respect to output level)
15
dBc
4Fo Isolation (with respect to output level)
15
dBc
Input Return Loss
15
dB
Output Return Loss
12
dB
SSB Phase Noise (100 kHz Offset)
-139
dBc/Hz
Supply Current (Idd) (Vdd1= Vdd2= +5V, Vgg = -1.7V Typ.)
98
126
mA
[1] Adjust Vgg between -2.0 and -1.2V to achieve Idd1 + Idd2 = 98 mA.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC561

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC561 HITTITE-HMC561 Datasheet
354Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561 HITTITE-HMC561 Datasheet
280Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
logo
Micross Components
HMC561 MICROSS-HMC561 Datasheet
950Kb / 9P
   Test Instrumentation
logo
Hittite Microwave Corpo...
HMC561LP3 HITTITE-HMC561LP3 Datasheet
353Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
HMC561LP3 HITTITE-HMC561LP3 Datasheet
252Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
More results

Similar Description - HMC561

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
   Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
   Test Instrumentation
HMC144LH5 AD-HMC144LH5 Datasheet
548Kb / 8P
   Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com