Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP114K251B-TR Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP114K251B-TR
Description  Supply Current Typ. 50uA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP114K251B-TR Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP114K251B-TR Datasheet HTML 3Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 4Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 5Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 6Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 7Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 8Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 9Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 10Page - RICOH electronics devices division RP114K251B-TR Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
RP114x
NO. EA-236-160824
7
TYPICAL APPLICATIONS
C1
RP114x
Series
VDD
VOUT
CE
GND
C2
VOUT
CE Control
(External Components)
C2
Ceramic 1.0
µF
MURATA: GRM155B31A105KE15
TECHNICAL NOTES
When using these ICs, consider the following points:
Phase Compensation
In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For
this purpose, use a capacitor C2 with 1.0
µF or more and good ESR (Equivalent Series Resistance).
(Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for
phase compensation, the operation might be unstable. Because of this, test these ICs with as same external
components as ones to be used on the PCB.)
PCB Layout
Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result.
Connect a capacitor C1 with a capacitance value as much as 1.0
µF or more between VDD and GND pin, and as
close as possible to the pins.
Set external components, especially the output capacitor C2, as close as possible to the ICs, and make wiring
as short as possible.


Similar Part No. - RP114K251B-TR

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
RP114K08-TR NISSHINBO-RP114K08-TR Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114K08-TRB NISSHINBO-RP114K08-TRB Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114K331D-TRB NISSHINBO-RP114K331D-TRB Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114K36-TR NISSHINBO-RP114K36-TR Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
RP114K36-TRB NISSHINBO-RP114K36-TRB Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
More results

Similar Description - RP114K251B-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
R1191 RICOH-R1191 Datasheet
3Mb / 33P
   Supply Current Typ. 50uA (Fast Mode)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com