Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP115L101B-E2 Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # RP115L101B-E2
Description  Supply Current TYP. 110uA
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP115L101B-E2 Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button RP115L101B-E2 Datasheet HTML 3Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 4Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 5Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 6Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 7Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 8Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 9Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 10Page - RICOH electronics devices division RP115L101B-E2 Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
RP115x
NO. EA-274-150708
7
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
IREV
Reverse Current
VOUT=VSET+1.0V,
0≤VIN≤VOUT
VSET
≥1.75V
7.5
µA
VSET<1.75V
10
VREV_DET*12
Detector Offset Voltage in
Reverse Current
Protection Mode*13
VOUT
≥0.7V, 0≤VIN≤5.25V
20
mV
VREV_REL*12
Release Offset Voltage in
Reverse Current
Protection Mode*14
VOUT
≥0.7V, 0≤VIN≤5.25V
30
50
mV
en
Output Noise
BW=10Hz to
100kHz
VSET
≥1.75V
17
x VSET
µVrms
VSET<1.75V
35
x VSET
RLOW
Auto-discharge Nch Tr.
ON Resistance
(RP115xDxx1D only)
VIN=4.0V, VCE=0V
60
Ω
IRUSH
Inrush Current Limit
CC Mode*15
LCON=”L”
300
mA
LCON=”H”*9
500
All test items listed under Electrical Characteristics
are done under the pulse load condition (Tj≈Ta=25ºC) except Output
Noise, Ripple Rejection, and Output Voltage Temperature Coefficient.
*8 VSET=Set Output Voltage
*9 RP115H: Same Electrical Characteristics as LCON=”H”.
*10 The maximum input voltage listed under Electrical Characteristics is 5.25V. If for any reason the input voltage exceeds
5.25V, it has to be no more than 5.5V with 500 cumulative operating hours.
*11 Short Current is the value when VOUT and GND are short-circuited after the device starts up. Inrush Current flows when
the device starts up while VOUT and GND are short-circuited.
*12 Guaranteed operating range of reverse current protection circuit is VOUT
≥0.7V. When VIN=VOUT=0V, reverse current
protection mode is constantly active.
*13 VREV_DET
=VIN−VOUT
*14 VREV_REL
=VIN−VOUT
*15 For CC (Constant Current) Mode, please refer to Start-up Characteristics.
Output Voltage
Set Output Voltage
VSET (V)
Output Voltage
VOUT (mV)
TYP.
MAX.
0.7
−33
+28
0.8
−35
+29
0.9
−37
+30
1.0
−39
+31
1.1
−41
+33
1.2
−43
+34
1.3
−45
+35
1.4
−47
+36
1.5
−49
+38
1.6
−51
+39
1.7
−53
+40


Similar Part No. - RP115L101B-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP115L101B-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com