Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP115L101D-E2 Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # RP115L101D-E2
Description  Supply Current TYP. 110uA
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP115L101D-E2 Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button RP115L101D-E2 Datasheet HTML 4Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 5Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 6Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 7Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 8Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 9Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 10Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 11Page - RICOH electronics devices division RP115L101D-E2 Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
RP115x
NO. EA-274-150708
8
Dropout Voltage
RP115L: DFN1216-8
(Ta=25ºC)
Set Output Voltage
VSET (V)
Dropout Voltage
VDIF (V)
IOUT=500mA
IOUT=1000mA
TYP.
MAX.
TYP.
MAX.
0.7
≤ VSET < 1.1
*16
*16
*16
*16
1.1
≤ VSET < 1.2
*16
*16
*16
0.300
1.2
≤ VSET < 1.3
*16
*16
0.195
0.275
1.3
≤ VSET < 1.5
0.095
0.135
0.185
0.260
1.5
≤ VSET < 1.75V
0.085
0.120
0.165
0.235
1.75V
≤ VSET < 2.6
0.075
0.110
0.150
0.215
2.6
≤ VSET < 3.3
0.065
0.090
0.130
0.180
3.3
≤ VSET ≤ 4.3
0.060
0.085
0.125
0.170
If the dropout voltage falls below the release offset value of reverse current protection mode (VREV_REL), the reverse
current protection circuit may repeat the detection and release operations. Please refer to Reverse Current
Protection Circuit.
*16 Input voltage should be equal or more than the minimum operating voltage (1.4V).
RP115H: SOT-89-5
(Ta=25ºC)
Set Output Voltage
VSET (V)
Dropout Voltage
VDIF (V)
IOUT=1000mA
TYP.
MAX.
0.7
≤ VSET < 1.1
*16
*16
1.1
≤ VSET < 1.2
*16
0.350
1.2
≤ VSET < 1.3
0.235
0.330
1.3
≤ VSET < 1.5
0.225
0.320
1.5
≤ VSET < 1.75V
0.205
0.295
1.75V
≤ VSET < 2.6
0.190
0.270
2.6
≤ VSET < 3.3
0.170
0.240
3.3
≤ VSET ≤ 4.3
0.165
0.225
If the dropout voltage falls below the release offset value of reverse current protection mode (VREV_REL), the reverse
current protection circuit may repeat the detection and release operations. Please refer to Reverse Current
Protection Circuit.
*16 Input voltage should be equal or more than the minimum operating voltage (1.4V).


Similar Part No. - RP115L101D-E2

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP115L101D-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com