Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1085 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1085
Description  3A Low Dropout Positive Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1085 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

  AIC1085_15 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1085_15 Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AIC1085
8
 TO-263 (unit: mm)
E1
SECTION A-A
b
SEE VIEW B
E
A
A
A
c2
b2
e
L
VIEW B
GAUGE PLANE
SEATING PLANE
WITH PLATING
BASE METAL
THERMAL PAD
Note: 1. Refer to JEDEC TO-263AB.
2. Dimension "E" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 6 mil per side .
3. Dimension "D" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
0.51
--
1.78
14.61
9.65
8.38
1.14
0.38
1.14
0.00
e
L3
θ
L2
L1
L
H
c
D
E
c2
b2
b
A1
2.54 BSC
1.68
1.78
2.79
15.88
0.25 BSC
0.99
10.67
9.65
1.65
0.74
1.78
0.25
4.06
MIN.
S
Y
M
B
O
L
A4.83
MAX.
TO-263-3L
MILLIMETERS
--
6.86
D1
6.23
E1
--
--


Similar Part No. - AIC1085_15

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1085-15CE AIC-AIC1085-15CE Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
AIC1085-15CM AIC-AIC1085-15CM Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
AIC1085-15CT AIC-AIC1085-15CT Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - AIC1085_15

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL1085-XX IKSEMICON-IL1085-XX Datasheet
364Kb / 6P
   3A LOW DROPOUT POSITIVE REGULATOR
logo
Silicon Standard Corp.
SS6085 SSC-SS6085 Datasheet
480Kb / 6P
   3A Low Dropout Positive Regulator
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1085 AIC-AIC1085 Datasheet
59Kb / 7P
   3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
International Rectifier
IRU1030 IRF-IRU1030 Datasheet
70Kb / 11P
    3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085 LINER-RH1085_15 Datasheet
83Kb / 6P
   3A Low Dropout Positive Adjustable Regulator
RH1085MK LINER-RH1085MK Datasheet
72Kb / 2P
   3A Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com