Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP115H201B-T1-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RP115H201B-T1-FE
Description  Supply Current TYP. 110uA
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP115H201B-T1-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RP115H201B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 12Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 13Page - RICOH electronics devices division RP115H201B-T1-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
RP115x
NO. EA-274-150708
10
REVERSE CURRENT PROTECTION CIRCUIT
The RP115x Series include a Reverse Current Protection Circuit, which stops the reverse current from VOUT
pin to VDD pin or to GND pin when VOUT becomes higher than VIN.
Usually, the LDO using Pch output transistor contains a parasitic diode between VDD pin and VOUT pin.
Therefore, if VOUT is higher than VIN, the parasitic diode becomes forward direction. As a result, the current
flows from VOUT pin to VDD pin.
The ICs of this series switches the mode to the reverse current protection mode before VIN becomes lower
than VOUT by connecting the parasitic diode of Pch output transistor to the backward direction, and connecting
the gate to VOUT pin. As a result, the Pch output transistor is turned off. However, from VOUT pin to GND pin,
via the internal divider resistors, very small current IREV flows.
Switching to either the normal mode or to the reverse current protection mode is determined by the
magnitude of VIN voltage and VOUT voltage. For the stable operation, offset and hysteresis are set as the
threshold. The detector threshold is set to VREV_DET and the released voltage is set to VREV_REL. Therefore, the
minimum dropout voltage under the small load current condition is restricted by the value of VREV_REL.
Following figures show the diagrams of each mode, and the load characteristics of each mode. When giving
the VOUT pin a constant-voltage and decreasing the VIN voltage, the dropout voltage will become lower than
VREV_DET. As a result, the reverse current protection starts to function to stop the load current.
By increasing the dropout voltage higher than VREV_REL, the protection mode will be released to let the load
current to flow. If the dropout voltage to be used is lower than VREV_REL, the detection and the release may be
repeated.
The operating voltage guaranteed level of the reverse current protection circuit is for VOUT
≥ 0.7V. If VIN=0V,
the reverse current protection mode becomes always active.
VDD
GND
VOUT
CE
Vref
IOUT
Reverse
Detector
+
VDD
GND
VOUT
CE
Vref
IREV
Reverse
Detector
+
Figure 1. Normal Operation Mode
Figure 2. Reverse Current Protection Mode


Similar Part No. - RP115H201B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP11.4E1 RECOM-RP11.4E1 Datasheet
66Kb / 2P
   HIgh Voltage Output Series
RP11.4E1 RECOM-RP11.4E1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
RP11.4E1X1 RECOM-RP11.4E1X1 Datasheet
44Kb / 1P
   High Voltage Input/Output Series
logo
DIOTEC Electronics Corp...
RP110 DEC-RP110 Datasheet
330Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
RF Monolithics, Inc
RP1104 RFM-RP1104 Datasheet
94Kb / 2P
   824.25 MHz SAW Resonator
More results

Similar Description - RP115H201B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
RP103 RICOH-RP103 Datasheet
539Kb / 33P
   Supply Current Typ. 36uA
RP111 RICOH-RP111 Datasheet
824Kb / 44P
   Supply Current Typ. 80uA
RP116Z RICOH-RP116Z Datasheet
556Kb / 24P
   Supply Current Typ. 48uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com